Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 26 Page - Texas Instruments

Part # LP5523
Description  LP5523 Nine-Channel RGB- and White-LED Driver With Internal Program Memory and Integrated Charge Pump – DSBGA Package
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5523 Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 22Page - Texas Instruments LP5523 Datasheet HTML 23Page - Texas Instruments LP5523 Datasheet HTML 24Page - Texas Instruments LP5523 Datasheet HTML 25Page - Texas Instruments LP5523 Datasheet HTML 26Page - Texas Instruments LP5523 Datasheet HTML 27Page - Texas Instruments LP5523 Datasheet HTML 28Page - Texas Instruments LP5523 Datasheet HTML 29Page - Texas Instruments LP5523 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
26
LP5523
SNVS550E – SEPTEMBER 2009 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: LP5523
Submit Documentation Feedback
Copyright © 2009–2017, Texas Instruments Incorporated
Register Maps (continued)
Table 3. Control Register Map (continued)
HEX
ADDRESS
REGISTER NAME
BIT(s)
READ/
WRITE
DEFAULT VALUE
AFTER RESET
BIT MNEMONIC AND DESCRIPTION
3B
INT/GPO
[2]
R/W
xxxxx0xx
INT_CONF
INT pin can be configured to function as a GPO
with this bit
[0]
R/W
xxxxxxx0
INT_GPO
GPO pin control for INT pin when INT_CONF is
set 1
3C
VARIABLE
[7:0]
R/W
00000000
VARIABLE
Global 8-bit variable
3D
RESET
[7:0]
R/W
00000000
RESET
Writing 11111111 into this register resets the
LP5523
3E
TEMP ADC CONTROL
[7]
R
0xxxxxxx
TEMP_MEAS_BUSY
Indicates when temperature measurement is
active
[2]
R/W
xxxxx0xx
EN_TEMP_SENSOR
Reads the internal temperature sensor once
[1]
R/W
xxxxxx0x
CONTINUOUS_CONV
Continuous temperature measurement selection
[0]
R/W
xxxxxxx0
SEL_EXT_TEMP
Internal/external temperature sensor selection
3F
TEMPERATURE READ
[7:0]
R
00011001
TEMPERATURE
Bits for temperature information
40
TEMPERATURE WRITE
[7:0]
R/W
00000000
TEMPERATURE
Bits for temperature information
41
LED TEST CONTROL
[7]
R/W
0xxxxxxx
EN_LED_TEST_ADC
[6]
R/W
x0xxxxxx
EN_LED_TEST_INT
[5]
R/W
xx0xxxxx
CONTINUOUS_CONV
Continuous LED test measurement selection
[4:0]
R/W
xxx00000
LED_TEST_CTRL
Control bits for LED test
42
LED TEST ADC
[7:0]
R
N/A
LED_TEST_ADC
LED test result
43
RESERVED
[7:0]
RESERVED FOR FUTURE USE
44
RESERVED
[7:0]
RESERVED FOR FUTURE USE
45
ENGINE1 VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE1
46
ENGINE2 VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE2
47
ENGINE3 VARIABLE A
[7:0]
R
00000000
VARIABLE FOR ENGINE3
48
MASTER FADER1
[7:0]
R/W
00000000
MASTER FADER
49
MASTER FADER2
[7:0]
R/W
00000000
MASTER FADER
4A
MASTER FADER3
[7:0]
R/W
00000000
MASTER FADER
4B
RESERVED FOR FUTURE
USE
RESERVED FOR FUTURE USE
4C
ENG1 PROG START
ADDR
[6:0]
R/W
x0000000
ADDR
4D
ENG2 PROG START
ADDR
[6:0]
R/W
x0001000
ADDR
4E
ENG3 PROG START
ADDR
[6:0]
R/W
x0010000
ADDR
4F
PROG MEM PAGE SEL
[2:0]
R/W
xxxxx000
PAGE_SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com