Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1789 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 20Page - Texas Instruments PCM1789 Datasheet HTML 21Page - Texas Instruments PCM1789 Datasheet HTML 22Page - Texas Instruments PCM1789 Datasheet HTML 23Page - Texas Instruments PCM1789 Datasheet HTML 24Page - Texas Instruments PCM1789 Datasheet HTML 25Page - Texas Instruments PCM1789 Datasheet HTML 26Page - Texas Instruments PCM1789 Datasheet HTML 27Page - Texas Instruments PCM1789 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
t
BUF
t
D-SU
t
D-HD
t
SDA-R
t
SDA-F
t
P-SU
t
SCL-F
t
S-HD
t
LOW
t
SCL-R
t
HI
t
S-SU
t
S-HD
START
Repeated
START
STOP
SDA
SCL
PCM1789-Q1
SBAS546
– MARCH 2011
www.ti.com
TIMING REQUIREMENTS: SCL AND SDA
A detailed timing diagram for SCL and SDA is shown in Figure 36.
Figure 36. SCL and SDA Control Interface Timing
Table 12. Timing Requirements for Figure 36
STANDARD MODE
FAST MODE
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fSCL
SCL clock frequency
100
400
kHz
tBUF
Bus free time between STOP and START condition
4.7
1.3
μs
tLOW
Low period of the SCL clock
4.7
1.3
μs
tHI
High period of the SCL clock
4.0
0.6
μs
tS-SU
Setup time for START/Repeated START condition
4.7
0.6
μs
tS-HD
Hold time for START/Repeated START condition
4.0
0.6
μs
tD-SU
Data setup time
250
100
ns
tD-HD
Data hold time
0
3450
0
900
ns
tSCL-R
Rise time of SCL signal
1000
20 + 0.1 CB
300
ns
tSCL-F
Fall time of SCL signal
1000
20 + 0.1 CB
300
ns
tSDA-R
Rise time of SDA signal
1000
20 + 0.1 CB
300
ns
tSDA-F
Fall time of SDA signal
1000
20 + 0.1 CB
300
ns
tP-SU
Setup time for STOP condition
4.0
0.6
μs
tGW
Allowable glitch width
N/A
50
ns
CB
Capacitive load for SDA and SCL line
400
100
pF
Noise margin at high level for each connected device
VNH
0.2
× VDD
0.2
× VDD
V
(including hysteresis)
Noise margin at low level for each connected device
VNL
0.1
× VDD
0.1
× VDD
V
(including hysteresis)
VHYS
Hysteresis of Schmitt trigger input
N/A
0.05
× VDD
V
24
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM1789-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com