Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1789 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 8Page - Texas Instruments PCM1789 Datasheet HTML 9Page - Texas Instruments PCM1789 Datasheet HTML 10Page - Texas Instruments PCM1789 Datasheet HTML 11Page - Texas Instruments PCM1789 Datasheet HTML 12Page - Texas Instruments PCM1789 Datasheet HTML 13Page - Texas Instruments PCM1789 Datasheet HTML 14Page - Texas Instruments PCM1789 Datasheet HTML 15Page - Texas Instruments PCM1789 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
PCM1789-Q1
SBAS546
– MARCH 2011
www.ti.com
PRODUCT OVERVIEW
The PCM1789-Q1 is a high-performance stereo DAC targeted for consumer audio applications such as Blu-ray
Disc players and DVD players, as well as home multi-channel audio applications (such as home theater and A/V
receivers). The PCM1789-Q1 consists of a two-channel DAC. The DAC output type is fixed with a differential
configuration. The PCM1789-Q1 supports 16-/20-/24-/32-bit linear PCM input data in I2S and left-justified audio
formats, and 24-bit linear PCM input data in right-justified and DSP formats with various sampling frequencies
from 8 kHz to 192 kHz. The PCM1789-Q1 offers three modes for device control: two-wire I2C software,
three-wire SPI software, and hardware.
ANALOG OUTPUTS
The PCM1789-Q1 includes a two-channel DAC, with a pair of differential voltage outputs pins. The full-scale
output voltage is (1.6
× VCC1) VPP in differential output mode. A dc-coupled load is allowed in addition to an
ac-coupled load, if the load resistance conforms to the specification. These balanced outputs are each capable of
driving 0.8 VCC1 (4 VPP) typical into a 5-kΩ ac-coupled or 15-kΩ dc-coupled load with VCC1 = +5 V. The internal
output amplifiers for VOUTL and VOUTR are biased to the dc common voltage, equal to 0.5 VCC1.
The output amplifiers include an RC continuous-time filter that helps to reduce the out-of-band noise energy
present at the DAC outputs as a result of the noise shaping characteristics of the PCM1789-Q1 delta-sigma (
ΔΣ)
DACs. The frequency response of this filter is shown in the Analog Filter Characteristic (Figure 10) of the Typical
Characteristics. By itself, this filter is not enough to attenuate the out-of-band noise to an acceptable level for
most applications. An external low-pass filter is required to provide sufficient out-of-band noise rejection. Further
discussion of DAC post-filter circuits is provided in the Application Information section.
VOLTAGE REFERENCE VCOM
The PCM1789-Q1 includes a pin for the common-mode voltage output, VCOM. This pin should be connected to
the analog ground via a decoupling capacitor. This pin can also be used to bias external high-impedance circuits,
if they are required.
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM1789-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com