Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 28 Page - Texas Instruments

Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1789 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 24Page - Texas Instruments PCM1789 Datasheet HTML 25Page - Texas Instruments PCM1789 Datasheet HTML 26Page - Texas Instruments PCM1789 Datasheet HTML 27Page - Texas Instruments PCM1789 Datasheet HTML 28Page - Texas Instruments PCM1789 Datasheet HTML 29Page - Texas Instruments PCM1789 Datasheet HTML 30Page - Texas Instruments PCM1789 Datasheet HTML 31Page - Texas Instruments PCM1789 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
PCM1789-Q1
SBAS546
– MARCH 2011
www.ti.com
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
18
12
RSV
RSV
RSV
OPEDA
RSV
RSV
RSV
FLT
RSV
Reserved
Reserved; do not use.
OPEDA
Operation control
This bit controls the DAC operation mode. In operation disable mode, the DAC output is cut off
from DIN and the internal DAC data are reset. If PSMDA = 1, the DAC output is forced into
VCOM. If PSMDA = 0, the DAC output is forced into AGND and the DAC goes into a
power-down state. For normal operating mode, this bit must be '0'. The serial mode control is
effective during operation disable mode.
Default value: 0.
OPEDA
Operation control
0
Normal operation
1
Operation disable with or without power save
FLT
Digital filter roll-off control
This bit allows users to select the digital filter roll-off that is best suited to their applications. Sharp
and slow filter roll-off selections are available. The filter responses for these selections are shown
in the Typical Characteristics sections of this data sheet.
Default value: 0.
FLT
Digital filter roll-off control
0
Sharp roll-off
1
Slow roll-off
DEC
HEX
B7
B6
B5
B4
B3
B2
B1
B0
19
13
RSV
RSV
RSV
RSV
RSV
RSV
REVDA2
REVDA1
RSV
Reserved
Reserved; do not use.
REVDA[2:1] Output phase selection
These bits are used to control the phase of the DAC analog signal outputs.
Default value: 00.
REVDA
Output phase selection
x0
Left channel normal output
x1
Left channel inverted output
0x
Right channel normal output
1x
Right channel inverted output
28
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM1789-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com