Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 32 Page - Texas Instruments

Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1789 Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 28Page - Texas Instruments PCM1789 Datasheet HTML 29Page - Texas Instruments PCM1789 Datasheet HTML 30Page - Texas Instruments PCM1789 Datasheet HTML 31Page - Texas Instruments PCM1789 Datasheet HTML 32Page - Texas Instruments PCM1789 Datasheet HTML 33Page - Texas Instruments PCM1789 Datasheet HTML 34Page - Texas Instruments PCM1789 Datasheet HTML 35Page - Texas Instruments PCM1789 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
ADR5/ADR1/RSV
MS/ADR0/RSV
MC/SCL/FMT
MD/SDA/DEMP
MODE
ZERO1
ZERO2/AMUTEO
AMUTEI
VCC2
AGND2
VOUTR
VOUTR+
-
LRCK
BCK
DIN
RST
SCKI
VDD
DGND
VCC1
VCOM
AGND1
VOUTL
VOUTL+
-
PCM1789
R
3
LPFandBuffer
PLL170x
+3.3V
+5V
0V
20
0V
3.3V
20
R
6
R
6
R
1
R
2
AudioDSP
or
Decoder
R
4
Microcontroller
or
Microprocessor
R
5
C
3
SeeTermination
CircuitOptionsBelow
C
1
LPFandBuffer
C
4
C
2
+
C
5
+
C
6
+
TerminationCircuitOptions(selectone)
3.3V
20
20
0V
PCM1789-Q1
SBAS546
– MARCH 2011
www.ti.com
APPLICATION INFORMATION
CONNECTION DIAGRAMS
A basic connection diagram is shown in Figure 37, with the necessary power-supply bypassing and decoupling
components. Texas Instruments
’ PLL170X is used to generate the system clock input at SCKI, as well as to
generate the clock for the audio signal processor. The use of series resistors (22
Ω to 100 Ω) are recommended
for SCKI, LRCK, BCK, and DIN for electromagnetic interference (EMI) reduction.
NOTE: C1 through C3 are 1-μF ceramic capacitors. C4 through C6 are 10-μF electrolytic capacitors. R1 through R4 are 22-Ω to 100-Ω
resistors. R5 is a resistor appropriate for pull-up. R6 is a 220-kΩ resistor, ±5%. An appropriate resistor is required for pull-up, if
ZERO2/AMUTEO pin is used as AMUTEO.
Figure 37. Basic Connection Diagram
POWER SUPPLY AND GROUNDING
The PCM1789-Q1 requires +5 V for the analog supply and +3.3 V for the digital supply. The +5-V supply is used
to power the DAC analog and output filter circuitry, and the +3.3-V supply is used to power the digital filter and
serial interface circuitry. For best performance, it is recommended to use a linear regulator (such as the
REG101-5/33, REG102-5/33, or REG103-5/33) with the +5-V and +3.3-V supplies.
Five capacitors are required for supply bypassing, as shown in Figure 37. These capacitors should be located as
close as possible to the PCM1789-Q1 package. The 10-
μF capacitors are aluminum electrolytic, while the three
1-
μF capacitors are ceramic.
32
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM1789-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com