Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 11 Page - Texas Instruments

Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1789 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 7Page - Texas Instruments PCM1789 Datasheet HTML 8Page - Texas Instruments PCM1789 Datasheet HTML 9Page - Texas Instruments PCM1789 Datasheet HTML 10Page - Texas Instruments PCM1789 Datasheet HTML 11Page - Texas Instruments PCM1789 Datasheet HTML 12Page - Texas Instruments PCM1789 Datasheet HTML 13Page - Texas Instruments PCM1789 Datasheet HTML 14Page - Texas Instruments PCM1789 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
0
-20
-40
-60
-80
-100
-120
-140
-160
Frequency(kHz)
0
5
10
15
20
0
-20
-40
-60
-80
-100
-120
-140
-160
Frequency(kHz)
0
5
10
15
20
0
-20
-40
-60
-80
-100
-120
-140
-160
Frequency(kHz)
0
5
10
15
20
PCM1789-Q1
www.ti.com
SBAS546
– MARCH 2011
TYPICAL CHARACTERISTICS: Output Spectrum
All specifications at TA = +25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
mode = Auto, unless otherwise noted.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
(0 dB, N = 32768)
(
–60 dB, N = 32768)
Figure 15.
Figure 16.
OUTPUT SPECTRUM
(BPZ, N = 32768)
Figure 17.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): PCM1789-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com