Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 34 Page - Texas Instruments

Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1789 Datasheet(HTML) 34 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 30Page - Texas Instruments PCM1789 Datasheet HTML 31Page - Texas Instruments PCM1789 Datasheet HTML 32Page - Texas Instruments PCM1789 Datasheet HTML 33Page - Texas Instruments PCM1789 Datasheet HTML 34Page - Texas Instruments PCM1789 Datasheet HTML 35Page - Texas Instruments PCM1789 Datasheet HTML 36Page - Texas Instruments PCM1789 Datasheet HTML 37Page - Texas Instruments PCM1789 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
DigitalLogic
and
Audio
Processor
DigitalPower
+3.3V
D
DGND
DigitalSection
AnalogSection
ReturnPathfor3.3V
D andDigitalSignals
AnalogPower
+V
S
AGND
-VS
+5V
A
Digital
Ground
Analog
Ground
Output
Circuits
PCM1789
AGND
VDD
DGND
VCC
PCM1789-Q1
SBAS546
– MARCH 2011
www.ti.com
PCB LAYOUT GUIDELINES
A typical printed circuit board (PCB) layout for the PCM1789-Q1 is shown in Figure 40. A ground plane is
recommended, with the analog and digital sections being isolated from one another using a split or cut in the
circuit board. The PCM1789-Q1 should be oriented with the digital I/O pins facing the ground plane split/cut to
allow for short, direct connections to the digital audio interface and control signals originating from the digital
section of the board.
Separate power supplies are recommended for the digital and analog sections of the board. This configuration
prevents the switching noise present on the digital supply from contaminating the analog power supply and
degrading the dynamic performance of the PCM1789-Q1.
Figure 40. Recommended PCB Layout
34
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): PCM1789-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com