Electronic Components Datasheet Search
  English  ▼

X  

PCM1789 Datasheet(PDF) 13 Page - Texas Instruments

Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ΔΣ, Stereo, Audio Digital-to-Analog Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1789 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1789 Datasheet HTML 9Page - Texas Instruments PCM1789 Datasheet HTML 10Page - Texas Instruments PCM1789 Datasheet HTML 11Page - Texas Instruments PCM1789 Datasheet HTML 12Page - Texas Instruments PCM1789 Datasheet HTML 13Page - Texas Instruments PCM1789 Datasheet HTML 14Page - Texas Instruments PCM1789 Datasheet HTML 15Page - Texas Instruments PCM1789 Datasheet HTML 16Page - Texas Instruments PCM1789 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
SystemClock
(SCKI)
High
Low
t
SCL
t
SCH
t
SCY
2.0V
0.8V
PCM1789-Q1
www.ti.com
SBAS546
– MARCH 2011
SYSTEM CLOCK INPUT
The PCM1789-Q1 requires an external system clock input applied at the SCKI input for DAC operation. The
system clock operates at an integer multiple of the sampling frequency, or fS. The multiples supported in DAC
operation include 128 fS, 192 fS, 256 fS, 384 fS, 512 fS, 768 fS, and 1152 fS. Details for these system clock
multiples are shown in Table 1. Figure 18 and Table 2 show the SCKI timing requirements.
Table 1. System Clock Frequencies for Common Audio Sampling Rates
DEFAULT
SAMPLING
SYSTEM CLOCK FREQUENCY (MHz)
SAMPLING
FREQUENCY, fS
MODE
(kHz)
128 fS
192 fS
256 fS
384 fS
512 fS
768 fS
1152 fS
8
N/A
N/A
2.0480
3.0720
4.0960
6.1440
9.2160
16
2.0480
3.0720
4.0960
6.1440
8.1920
12.2880
18.4320
Single rate
32
4.0960
6.1440
8.1920
12.2880
16.3840
24.5760
36.8640
44.1
5.6448
8.4672
11.2896
16.9344
22.5792
33.8688
N/A
48
6.1440
9.2160
12.2880
18.4320
24.5760
36.8640
N/A
88.2
11.2896
16.9344
22.5792
33.8688
N/A
N/A
N/A
Dual rate
96
12.2880
18.4320
24.5760
36.8640
N/A
N/A
N/A
176.4
22.5792
33.8688
N/A
N/A
N/A
N/A
N/A
Quad rate
192
24.5760
36.8640
N/A
N/A
N/A
N/A
N/A
Figure 18. System Clock Timing Diagram
Table 2. Timing Requirements for Figure 18
SYMBOL
PARAMETER
MIN
MAX
UNIT
tSCY
System clock cycle time
27
ns
tSCH
System clock width high
10
ns
tSCL
System clock width low
10
ns
—
System clock duty cycle
40
60
%
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): PCM1789-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com