Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 19 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments TDP142 Datasheet HTML 17Page - Texas Instruments TDP142 Datasheet HTML 18Page - Texas Instruments TDP142 Datasheet HTML 19Page - Texas Instruments TDP142 Datasheet HTML 20Page - Texas Instruments TDP142 Datasheet HTML 21Page - Texas Instruments TDP142 Datasheet HTML 22Page - Texas Instruments TDP142 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
19
TDP142
www.ti.com
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8.6.5 DisplayPort Control/Status Registers (address = 0x13) [reset = 00000000]
Figure 15. DisplayPort Control/Status Registers (0x13)
7
6
5
4
3
2
1
0
AUX_SNOOP_
DISABLE
Reserved
AUX_SBU_OVR
DP3_DISABLE
DP2_DISABLE
DP1_DISABLE
DP0_DISABLE
R/W
R
R/W
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 10. DisplayPort Control/Status Registers (0x13)
Bit
Field
Type
Reset
Description
7
AUX_SNOOP_DISABLE
R/W
0
0 – AUX snoop enabled. (Default)
1 – AUX snoop disabled.
6
Reserved
R
0
Reserved.
5:4
Reserved
R/W
00
Reserved.
3
DP3_DISABLE
R/W
0
When AUX_SNOOP_DISABLE = 1’b1, this field can be used to
enable or disable DP lane 3. When AUX_SNOOP_DISABLE =
1’b0, changes to this field will have no effect on lane 3
functionality.
0 – DP Lane 3 Enabled (default)
1 – DP Lane 3 Disabled.
2
DP2_DISABLE
R/W
0
When AUX_SNOOP_DISABLE = 1’b1, this field can be used to
enable or disable DP lane 2. When AUX_SNOOP_DISABLE =
1’b0, changes to this field will have no effect on lane 2
functionality.
0 – DP Lane 2 Enabled (default)
1 – DP Lane 2 Disabled.
1
DP1_DISABLE
R/W
0
When AUX_SNOOP_DISABLE = 1’b1, this field can be used to
enable or disable DP lane 1. When AUX_SNOOP_DISABLE =
1’b0, changes to this field will have no effect on lane 1
functionality.
0 – DP Lane 1 Enabled (default)
1 – DP Lane 1 Disabled.
0
DP0_DISABLE
R/W
0
DISABLE. When AUX_SNOOP_DISABLE = 1’b1, this field can
be used to enable or disable DP lane 0. When
AUX_SNOOP_DISABLE = 1’b0, changes to this field will have
no effect on lane 0 functionality.
0 – DP Lane 0 Enabled (default)
1 – DP Lane 0 Disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com