Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 27 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 23Page - Texas Instruments TDP142 Datasheet HTML 24Page - Texas Instruments TDP142 Datasheet HTML 25Page - Texas Instruments TDP142 Datasheet HTML 26Page - Texas Instruments TDP142 Datasheet HTML 27Page - Texas Instruments TDP142 Datasheet HTML 28Page - Texas Instruments TDP142 Datasheet HTML 29Page - Texas Instruments TDP142 Datasheet HTML 30Page - Texas Instruments TDP142 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
P
DP0
DP1
DP2
DP3
N
P
N
DP0P
DP0N
DP1P
DP1N
DP2P
DP2N
DP3P
DP3N
DP0P
DP0N
DP1P
DP1N
DP2N
DP2P
DP3N
DP3P
TDP142
P
N
P
N
P
DP0
DP1
DP2
DP3
N
P
N
DP0P
DP0N
DP1P
DP1N
DP2P
DP2N
DP3P
DP3N
DP0P
DP0N
DP1P
DP1N
DP2N
DP2P
DP3N
DP3P
DP0P
DP0N
DP1P
DP1N
DP2N
DP2P
DP3N
DP3P
TDP142
Connector
P
N
P
N
DP0P
DP0N
DP1P
DP1N
DP2N
DP2P
DP3N
DP3P
Connector
GPU-BGA package
GPU-BGA package
27
TDP142
www.ti.com
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Layout Example (continued)
Figure 22 demonstrates the solution of mismatched order between the output of the device and the DisplayPort
connector for the source using BGA package. Top image of Figure 22 shows the crossing section between
TDP142 and connector. Usually, Vias would be applied to avoid the cross, but using Via can attenuate the signal
integrity. Therefore, the polarity swap would be implemented at the input of TDP142. The bottom image shows
there is no more crossing section between the TDP142 and connector, which can minimize the number of Vias
being used. Note that, the solution is only useful for the source using BGA package.
Figure 22. Layout Example, Top: signal crossing on the output. Bottom: INDP2 and INDP3 Polarity Swap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com