Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 24 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 20Page - Texas Instruments TDP142 Datasheet HTML 21Page - Texas Instruments TDP142 Datasheet HTML 22Page - Texas Instruments TDP142 Datasheet HTML 23Page - Texas Instruments TDP142 Datasheet HTML 24Page - Texas Instruments TDP142 Datasheet HTML 25Page - Texas Instruments TDP142 Datasheet HTML 26Page - Texas Instruments TDP142 Datasheet HTML 27Page - Texas Instruments TDP142 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
INDP3P
18
INDP3N
19
TEST2/SDA
22
DPEN/HPDIN
23
RSVD4
7
VCC
6
RSVD1
3
DPEQ1
2
INDP0N
10
OUTDP3N
31
AUXN
25
INDP2N
16
INDP2P
15
INDP1P
12
SNOOPENZ/RSVD8
29
VCC
28
INDP0P
9
HPDIN/RSVD9
32
RSVD6
26
INDP1N
13
OUTDP2N
34
RSVD10
35
OUTDP1N
36
OUTDP1P
37
RSVD11
38
OUTDP0N
39
OUTDP0P
40
TPAD
41
RSVD7
27
OUTDP3P
30
DPEQ0/A1
14
A0
11
VCC
20
TEST1/SCL
21
AUXP
24
I2C_EN
17
VCC
1
OUTDP2P
33
RSVD5
8
RSVD2
4
RSVD3
5
U1
TDP142RNQ
0.1uF
C6
0.1uF
C7
0.1uF
C8
0.1uF
C9
0.1uF
C10
0.1uF
C11
0.1uF
C12
0.1uF
C13
10k
R3
10k
R4
GND
OUTDP0P
OUTDP0N
OUTDP1P
OUTDP1N
OUTDP2P
OUTDP2N
OUTDP3P
OUTDP3N
GND
CAD
HPDIN
DPEQ1
DPEQ2
A0
AUX_P
AUX_N
I2C_EN
1k
R8
1k
R9
1k
R10
1k
R12
1k
R13
GND
GND
GND
3P3V
3P3V
I2C_EN
DPEQ0
DPEQ1
20k
R11
20k
R14
10uF
C1
0.1uF
C2
0.1uF
C3
0.1uF
C4
0.1uF
C5
3P3V
3V3P
Board_3P3V
220 ohm
FB
HPDIN
AUX_P
AUX_N
CAD
1M
R1
GND
5M
R2
ML2_N
ML2_P
ML3_N
ML3_P
ML0_N
ML0_P
ML1_N
ML1_P
ML0_P
ML0_N
ML1_P
ML1_N
ML2_P
ML2_N
ML3_P
ML3_N
ML0_P
ML0_N
ML1_P
ML1_N
ML2_P
ML2_N
ML3_P
ML3_N
AUX_P
AUX_N
HPD
DisplayPort Sink
0.1uF
C14
0.1uF
C15
1M
R6
1M
R7
3P3V
GND
HPDIN
ML1_P
9
ML1_N
7
ML0_P
12
ML0_N
10
ML3_P
3
ML3_N
1
ML2_P
6
ML2_N
4
DP_PWR
20
AUX_P
15
AUX_N
17
HPD
18
CONFIG1
13
GND
2
GND
5
GND
8
GND
11
CONFIG2
14
GND
16
GND
21
GND
22
GND
23
GND
24
RTN
19
DisplayPort Recepticle Sink
GND
AUX_P
AUX_N
1k
R5
10k
R15
3V3P
Note:
AC-coupled is needed if there is no
ac-coupled on the other end of source side.
Copyright © 2017, Texas Instruments Incorporated
24
TDP142
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9.2.2 Sink Application Implementation
Figure 19 is the schematic for the Sink application, and the left side of TDP142 is connected to DisplayPort
receptacle and the right side of TDP142 is connected to Scaler or DisplayPort sink.
Figure 19. The Block diagram of DisplayPort Sink Application
9.2.2.1 Design Requirements
For this design example, the parameters listed in Table 13 are used.
Table 13. Design Parameters
PARAMETER
VALUE
Maximum Operating data rate
(RBR, HBR, HBR2, or HBR3)
HBR3 (8.1Gbps)
Supply voltage
3.3V
Trace length/width of C
12 inch/ 6 mil
Trace length/width of D
2 inch/ 6 mil
Main link AC decoupling capacitor
(75 nF to 265 nF)
Recommend 100 nF
Control mode (I2C or GPIO)
GPIO (I2C_EN = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com