Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 22 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 18Page - Texas Instruments TDP142 Datasheet HTML 19Page - Texas Instruments TDP142 Datasheet HTML 20Page - Texas Instruments TDP142 Datasheet HTML 21Page - Texas Instruments TDP142 Datasheet HTML 22Page - Texas Instruments TDP142 Datasheet HTML 23Page - Texas Instruments TDP142 Datasheet HTML 24Page - Texas Instruments TDP142 Datasheet HTML 25Page - Texas Instruments TDP142 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
INDP3P
18
INDP3N
19
TEST2/SDA
22
DPEN/HPDIN
23
RSVD4
7
VCC
6
RSVD1
3
DPEQ1
2
INDP0N
10
OUTDP3N
31
AUXN
25
INDP2N
16
INDP2P
15
INDP1P
12
SNOOPENZ/RSVD8
29
VCC
28
INDP0P
9
HPDIN/RSVD9
32
RSVD6
26
INDP1N
13
OUTDP2N
34
RSVD10
35
OUTDP1N
36
OUTDP1P
37
RSVD11
38
OUTDP0N
39
OUTDP0P
40
TPAD
41
RSVD7
27
OUTDP3P
30
DPEQ0/A1
14
A0
11
VCC
20
TEST1/SCL
21
AUXP
24
I2C_EN
17
VCC
1
OUTDP2P
33
RSVD5
8
RSVD2
4
RSVD3
5
U1
TDP142RNQ
0.1uF
C6
0.1uF
C7
0.1uF
C8
0.1uF
C9
0.1uF
C10
0.1uF
C11
0.1uF
C12
0.1uF
C23
0.1uF
C13
0.1uF
C14
0.1uF
C15
0.1uF
C16
0.1uF
C17
0.1uF
C18
0.1uF
C19
0.1uF
C20
10k
R5
10k
R6
GND
OUTDP0P
OUTDP0N
OUTDP1P
OUTDP1N
OUTDP2P
OUTDP2N
OUTDP3P
OUTDP3N
OUTDP1P
OUTDP1N
OUTDP0P
OUTDP0N
OUTDP3P
OUTDP3N
OUTDP2P
OUTDP2N
GND
2
1
4
U2
SN74AHC1G125DBVR
GND
3V3P
SNOOPENZ
SNOOPENZ
HPDIN
DPEQ1
DPEQ2
A0
GPU with Dual mode support
ML0_P
ML0_N
ML1_P
ML1_N
ML2_P
ML2_N
ML3_P
ML3_N
AUX_P
AUX_N
SDA
SCL
CAD
HPD
100k
R1
100k
R2
0.1uF
C21
0.1uF
C22
3P3V
GND
AUX_N
AUX_P
AUX_P
AUX_N
ML1_P
4
ML1_N
6
ML0_P
1
ML0_N
3
ML3_P
10
ML3_N
12
ML2_P
7
ML2_N
9
DP_PWR
20
AUX_P
15
AUX_N
17
HPD
18
CONFIG1
13
GND
2
GND
5
GND
8
GND
11
CONFIG2
14
GND
16
GND
21
GND
22
GND
23
GND
24
RTN
19
DisplayPort Receptacle
HPDIN
AUX_P
AUX_N
3.3V
CAD
1M
R9
GND
5M
R10
CAD
CAD
HPDIN
I2C_EN
1k
R11
1k
R12
1k
R13
1k
R15
1k
R16
GND
GND
GND
3P3V
3P3V
I2C_EN
DPEQ0
DPEQ1
20k
R14
20k
R17
10uF
C1
0.1uF
C2
0.1uF
C3
0.1uF
C4
0.1uF
C5
3P3V
3V3P
Board_3P3V
220 ohm
FB
3P3V
2k
R3
2k
R4
DDC_EN
DDC_EN
DDC_EN
1k
R7
10k
R8
AUX_N
AUX_P
3V3P
Copyright © 2017, Texas Instruments Incorporated
22
TDP142
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9.2 Typical Application
9.2.1 Source Application Implementation
Figure 18 shows the schematic for the Source side application. The TDP142 is placed between the DisplayPort
Graphics Processor Unit (GPU) and the DisplayPort receptacle. The TDP142 monitors AUX traffic for power
management purposes when SNOOPENZ is low.
Figure 18. The Block Diagram of DisplayPort Source Application
9.2.1.1 Design Requirement
The TDP142 can be designed into many types of applications. All applications have certain requirements for the
system to work properly. For example, source application uses different hardware configuration on the HPD
channel and AUX channel from a sink application. The device can be configured by using I2C. However, the
GPIO configuration is provided as I2C is not available in all cases. Additionally, because sources may have
different naming conventions, please confirm the link between source and receptacle is correctly mapped through
the TDP142.
Table 11. Design Parameters
PARAMETER
VALUE
Maximum Operating data rate
(RBR, HBR, HBR2, or HBR3)
HBR3 (8.1 Gbps)
Supply voltage
3.3V
Trace length/width of A
12 inch /6 mil width
Trace length/width of B
2 inch/ 6 mil width
Main link AC decoupling capacitor
(75 nF to 265 nF)
Recommend 100nF
Control mode (I2C or GPIO)
GPIO (I2C_EN = 0)
Dual Mode DisplayPort Support (Yes/No)
Yes. SNOOPENZ must be connected to CONFIG1 thru a buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com