Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 14 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 10Page - Texas Instruments TDP142 Datasheet HTML 11Page - Texas Instruments TDP142 Datasheet HTML 12Page - Texas Instruments TDP142 Datasheet HTML 13Page - Texas Instruments TDP142 Datasheet HTML 14Page - Texas Instruments TDP142 Datasheet HTML 15Page - Texas Instruments TDP142 Datasheet HTML 16Page - Texas Instruments TDP142 Datasheet HTML 17Page - Texas Instruments TDP142 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
CFG pins
VCC
Internal
Power Good
TDP142
td_pg
tcfg_su
tcfg_hd
14
TDP142
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
www.ti.com
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
(1)
Following pins comprise CFG pins: I2C_EN, DPEQ[1:0].
(2)
Recommend CFG pins are stable when VCC is at min.
8.4.4 Operation Timing – Power Up
Figure 10. Power-Up Timing
Table 3. Power-Up Timing(1)(2)
PARAMETER
MIN
MAX
UNIT
td_pg
VCC (minimum) to Internal Power Good asserted high
500
µs
tcfg_su
CFG(1) pins setup(2)
50
µs
tcfg_hd
CFG(1) pins hold
10
µs
tVCC_RAMP
VCC supply ramp requirement
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com