Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 1 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 1 Page - Texas Instruments

  TDP142 Datasheet HTML 1Page - Texas Instruments TDP142 Datasheet HTML 2Page - Texas Instruments TDP142 Datasheet HTML 3Page - Texas Instruments TDP142 Datasheet HTML 4Page - Texas Instruments TDP142 Datasheet HTML 5Page - Texas Instruments TDP142 Datasheet HTML 6Page - Texas Instruments TDP142 Datasheet HTML 7Page - Texas Instruments TDP142 Datasheet HTML 8Page - Texas Instruments TDP142 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TDP142
DP
Receptacle
ML0_IN
ML1_IN
ML2_IN
ML3_IN
ML0_OUT
ML1_OUT
ML2_OUT
ML3_OUT
AUX
HPD
GPU
Copyright © 2017, Texas Instruments Incorporated
GPU
x
TDP142
TDP142
Scaler
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TDP142
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
1
1 Features
1
•
DisplayPort™ 1.4 up to 8.1 Gbps (HBR3)
•
Ultra-low-power architecture
•
Linear redriver with up to 14 dB equalization
•
Transparent to DisplayPort link training
•
Configuration through GPIO or I2C
•
Hot-Plug capable
•
Support DisplayPort dual-mode standard version
1.1 (AC-coupled HDMI)
•
Industrial temperature range: -40ºC to 85ºC
(TDP142I)
•
Commercial temperature range: 0ºC to 70ºC
(TDP142)
•
4 mm x 6 mm, 0.4 mm Pitch WQFN package
2 Applications
•
Tablets, notebooks, desktops, PC
•
Active cables
•
Monitors
•
Docking stations
3 Description
The TDP142 is a DisplayPortTM(DP) linear redriver
that is able to snoop AUX and HPD signals. The
device complies with the VESA DisplayPort standard
Version 1.4, and supports a 1-4 lane Main Link
interface signaling up to HBR3 (8.1 Gbps per lane).
Additionally, this device is position independent. It
can be placed inside source, cable or sink effectively
providing a "negative loss" component to the overall
link budget.
The TDP142 provides several levels of receive linear
equalization to compensate for cable and board trace
loss due to inter symbol interference (ISI). Operates
on a single 3.3 V supply and comes in a commercial
temperature
range
(TDP142)
and
industrial
temperature range (TDP142I).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TDP142
WQFN (40)
4.00 mm x 6.00 mm
TDP142I
WQFN (40)
4.00 mm x 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
SPACER
Simplified Schematics
Display


Similar Part No. - TDP142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TDP142 TI-TDP142 Datasheet
2Mb / 39P
TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
NOVEMBER 2024
TDP142 TI1-TDP142 Datasheet
2Mb / 37P
TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
FEBRUARY 2025
TDP142 TI2-TDP142 Datasheet
976Kb / 36P
TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
REVISED MAY 2019
TDP142-Q1 TI-TDP142-Q1 Datasheet
2Mb / 39P
TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
NOVEMBER 2024
More results

Similar Description - TDP142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
TUSB1002 TI1-TUSB1002 Datasheet
1Mb / 28P
USB3.1 10 Gbps Dual-Channel Linear Redriver
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1002A TI1-TUSB1002A Datasheet
1Mb / 31P
USB3.2 10 Gbps Dual-Channel Linear Redriver
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
DS160PR810 TI-DS160PR810 Datasheet
1Mb / 34P
DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
logo
NXP Semiconductors
PTN38007 NXP-PTN38007 Datasheet
808Kb / 59P
Multi-protocol USB4 20 Gbps linear redriver
Rev.2.1 - 8 December 2021
logo
Texas Instruments
DS160PR1601 TI1-DS160PR1601 Datasheet
2Mb / 39P
DS160PR1601 16 Gbps 16 Lane Linear Redriver
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com