Electronic Components Datasheet Search
  English  ▼

X  

THS4303 Datasheet(PDF) 3 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 3 Page - Texas Instruments

  THS4303 Datasheet HTML 1Page - Texas Instruments THS4303 Datasheet HTML 2Page - Texas Instruments THS4303 Datasheet HTML 3Page - Texas Instruments THS4303 Datasheet HTML 4Page - Texas Instruments THS4303 Datasheet HTML 5Page - Texas Instruments THS4303 Datasheet HTML 6Page - Texas Instruments THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
PACKAGE DISSIPATION RATINGS
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
MIN
MAX
UNIT
Dual supply
±1.5
±2.5
Supply voltage, (VS+ and VS–)
V
Single supply
3
5
Input common-mode voltage range
VS–+1
VS+–1
V
(1)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3 in. x 3 in. PCB. For further information, refer to
Application Information section of this data sheet.
POWER RATING(1)
PACKAGE
Θ
JC(°C/W)
Θ
JA(°C/W)
TA≤ 25°C
TA =85°C
RGT-16(2)
2.4
39.5
2.53 W
1.01 W
(1)
Power rating is determined with a junction temperature of 125
°C. This is the point where distortion
starts to substantially increase. Thermal management of the final PCB should strive to keep the
junction temperature at or below 125
°C for best performance and long term reliability.
(2)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3 in. x 3 in. PCB.
For further information, refer to Application Information section of this data sheet.
AVAILABLE OPTIONS
PACKAGED DEVICES(1)
TA
LEADLESS
GAIN
RGT-16
THS4303RGTR
–40
°C to 85°C
+10
THS4303RGTT
(1)
Packages are available taped and reeled. The R suffix standard quantity is 3000. The T suffix
standard quantity is 250.
INTERNAL FIXED RESISTOR VALUES
DEVICE
GAIN (V/V)
Rf
Rg
THS4303
+10
450
50
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com