Electronic Components Datasheet Search
  English  ▼

X  

THS4303 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 5 Page - Texas Instruments

  THS4303 Datasheet HTML 1Page - Texas Instruments THS4303 Datasheet HTML 2Page - Texas Instruments THS4303 Datasheet HTML 3Page - Texas Instruments THS4303 Datasheet HTML 4Page - Texas Instruments THS4303 Datasheet HTML 5Page - Texas Instruments THS4303 Datasheet HTML 6Page - Texas Instruments THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
SCHEMATIC DIAGRAM
VCC
OUT
D10
Input Stage
Gain Stage
IN_POS
VEE
VEE
VCC
IN_NEG
Output Stage
I30
Q55
R19
D9
D13
D14
D8
D7
I31
I24
I25
I26
I27
I29
I28
Q57
Q51
Q52
Q52
Q56
Q58
Q53
Q54
Q60
Q59
Q62
Q61
Q64
Q63
Q66
Q65
C3
R18
R15
R16
R17
R13
R14
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
ELECTRICAL CHARACTERISTICS (continued)
THS4303 (Gain = +10 V/V) Specifications: V
S = 5 V, RL = 100 Ω, (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0
°C to
–40
°C to
MIN/
25
°C
25
°C
UNITS
70
°C
85
°C
MAX
POWER-DOWN CHARACTERISTICS
Maximum power-down current
PD = 0 V
0.9
1.2
1.3
1.4
mA
Max
Power-on voltage threshold
1.1
1.5
V
Min
Power-down voltage threshold
1.1
0.9
V
Max
Turnon time delay [t(ON)]
90% of final value
42
ns
Typ
Turnoff time delay [t(Off)]
10% of final value
35
ns
Typ
Input impedance
100
k
Ω
Typ
Output impedance
f = 100 kHz
470
Ω
Typ
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com