Electronic Components Datasheet Search
  English  ▼

X  

THS4303 Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4303 Datasheet HTML 3Page - Texas Instruments THS4303 Datasheet HTML 4Page - Texas Instruments THS4303 Datasheet HTML 5Page - Texas Instruments THS4303 Datasheet HTML 6Page - Texas Instruments THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments THS4303 Datasheet HTML 10Page - Texas Instruments THS4303 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
www.ti.com
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
TYPICAL TEST DATA
S-Parameter (Measured using standard THS4303EVM, edge number 6454762, with VS = 5 V in a 50 Ω test system)
Frequency
S11 (dB)
S11 (Ang)
S21 (dB)
S21 (Ang)
S12 (dB)
S12 (Ang)
S22 (dB)
S22 (Ang)
(MHz)
1
–50.68359
–9.936035
20.07422
1.007886
–75.9375
74.27344
–52.6047
–9.367676
2
–50.80664
–3.452515
20.08398
2.060587
–77.44531
–30.31445
–51.9668
8.862793
10
–51.10547
–38.07227
20.02734
10.158346
–80.94922
53.79102
–47.64258
42.5957
50
–37.71289
–76.30078
20.08252
50.078859
–63.52539
–72.41406
–59.52539
–91.70703
100
–34.61719
–109.6055
20.29541
102.38457
–57.58594
74.66016
–30.39063
125.332
150
–31.50684
–105.7422
20.40576
150.47685
–52.71875
18.20898
–24.91895
102.4297
200
–29.81348
–105.3516
20.44922
198.11759
–53.94141
53.86523
–22.96484
89.09766
250
–29.20801
–129.6016
20.43213
246.87998
–52.35938
40.63672
–22.02344
79.55469
300
–26.57422
–100.0703
20.40088
307.6446
–54.19336
81.05859
–21.18359
73.59766
350
–25.90137
–102.1328
20.34033
362.84524
–53.47266
–38.93164
–20.597766
71.20313
400
–24.89551
–111.4609
20.2959
405.04485
–54.37109
12.90479
–20.03906
71.91797
450
–24.7002
–76.46094
20.22754
452.15154
–53.91797
14.76416
–19.84668
74.58203
500
–25.76758
–95.54688
20.16406
504.73809
–55.60156
34.66016
–19.11621
73.60547
550
–24.86231
–98.39844
20.05273
563.4396
–57.78125
–114.1016
–18.54688
78.37109
600
–23.49805
–106.6992
19.97656
595.30346
–61.00977
–60.50586
–18.15332
76.28125
700
–21.07422
–84.68359
19.76318
702.11941
–64.83984
–67.44531
–17.24609
79.64063
800
–19.82617
–86.29688
19.60352
828.09966
–72.0625
72.92578
–15.36182
84.96875
900
–18.98828
–86.40625
19.44287
924.40782
–61.43359
172.7109
–14.03223
87.03125
1000
–17.16211
–82.15234
19.24219
1031.9205
–54.25391
165.2578
–12.65723
87.64844
1250
–14.66065
–83.30469
18.59424
1285.9052
–46.52148
163.7813
–10.12158
81.31641
1500
–12.67529
–90.48438
17.96533
1516.6333
–41.23242
159.5156
–8.850586
79.875
1750
–11.51025
–104.2656
17.229
1788.7621
–37.59766
145.8125
–7.762695
76.54688
2000
–10.52832
–106.4531
16.30127
1996.8001
–35.54688
154.1719
–7.215088
76.26953
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com