Electronic Components Datasheet Search
  English  ▼

X  

THS4303 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4303 Datasheet HTML 2Page - Texas Instruments THS4303 Datasheet HTML 3Page - Texas Instruments THS4303 Datasheet HTML 4Page - Texas Instruments THS4303 Datasheet HTML 5Page - Texas Instruments THS4303 Datasheet HTML 6Page - Texas Instruments THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments THS4303 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
TABLE OF GRAPHS (5 V)
FIGURE
S-parameter vs Frequency
1
Small signal frequency response
2
Large signal frequency response
3
Slew rate vs Output voltage
4
Harmonic distortion vs Frequency
5, 6
Harmonic distortion vs Output voltage swing
7
Second order intermodulation distortion vs Frequency
8
Third order intermodulation distortion vs Frequency
9
Second order intercept point vs Frequency
10
Third order intercept point vs Frequency
11
Voltage and current noise vs Frequency
12
Settling time
13, 14
Quiescent current vs Supply voltage
15
Output voltage vs Load resistance
16
Capacitive load frequency response
17
Gain vs Case temperature
18
Rejection ratio vs vs Frequency
19
Rejection ratios vs Case temperature
20
Common-mode rejection ratio vs Input common-mode range
21
Input offset voltage vs Case temperature
22
Positive input bias current vs Case temperature
23
Small signal transient response
24
Large signal transient response
25
Overdrive recovery
26
Closed-loop output impedance vs Frequency
27
Power-down quiescent current vs Supply voltage
28
Power-down S-parameter vs Frequency
29
Power-down output impedance vs Frequency
30
Turnon and turnoff delay times
31
TABLE OF GRAPHS (3 V)
FIGURE
S-parameter vs Frequency
32
Small signal frequency response
33
Large signal frequency response
34
Harmonic distortion vs Frequency
35
Slew rate vs Output voltage
36
Capacitive load frequency response
37
Gain vs Case temperature
38
Input offset voltage vs Case temperature
39
Positive input bias current vs Case temperature
40
Overdrive recovery
41
Power-down S-parameter vs Frequency
42
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com