Electronic Components Datasheet Search
  English  ▼

X  

THS4303 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4303 Datasheet HTML 5Page - Texas Instruments THS4303 Datasheet HTML 6Page - Texas Instruments THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments THS4303 Datasheet HTML 10Page - Texas Instruments THS4303 Datasheet HTML 11Page - Texas Instruments THS4303 Datasheet HTML 12Page - Texas Instruments THS4303 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
www.ti.com
1
100
100
1 k
10 k
100 k
1 M
10 M
10
Vn
In
f − Frequency − Hz
25
27
29
31
33
35
37
39
41
43
0
50
100
150
200
250
300
f − Frequency − MHz
49.9
49.9
+2.5V
−2.5V
49.9
50 Test
Equipment
THS4303
50 Source
Test data
measurement
point
Note: Add 3 dB to Reference Data to
The Output of the Amplifier.
VO = 1 VPP Envelope
RL = 100 Ω
VS = 5 V
200 kHz Tone Spacing
40
45
50
55
60
65
70
75
80
0
50
100
150
200
250
300
49.9
49.9
+2.5V
−2.5V
49.9
50 Test
Equipment
THS4303
50 Source
Test data
measurement
point
f − Frequency − MHz
VO = 1 VPP Envelope
RL = 100 Ω
VS = 5 V
200 kHz Tone Spacing
Note: Add 3 dB to Reference Data to
The Output of the Amplifier.
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
6
7
8
9
t − Time − ns
RL = 100 Ω
VS = 5 V
Output
Input Pulse x 10
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
6
7
8
9
t − Time − ns
RL = 100 Ω
VS = 5 V
Input Pulse x 10
Output
0
5
10
15
20
25
30
35
40
45
50
2.5 2.75 3
3.25 3.5 3.75 4 4.25 4.5 4.75 5
TA = −40°C
VS − Supply Voltage − V
TA = 85°C
TA = 25°C
19.9
19.92
19.94
19.96
19.98
20
20.02
20.04
20.06
20.08
20.1
−40−30−20−100 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
VS = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
RL − Load Resistance − Ω
VS = 5 V
TA = −40 to 85°C
10
12
14
16
18
20
22
1 M
10 M
100 M
1 G
f − Frequency − Hz
RL = 100 Ω
VS = 5 V
RISO = 25 Ω, CL = 10 pF
RISO = 15 Ω, CL = 47 pF
RISO= 10 Ω, CL = 100 pF
+
−
RISO
CL
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
TYPICAL THS4303 CHARACTERISTICS (5 V) (continued)
SECOND-ORDER
OUTPUT INTERCEPT
THIRD-ORDER OUTPUT INTERCEPT
VOLTAGE AND CURRENT NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
QUIESCENT CURRENT
vs
SETTLING TIME
SETTLING TIME
SUPPLY VOLTAGE
Figure 13.
Figure 14.
Figure 15.
OUTPUT VOLTAGE
GAIN
vs
CAPACITIVE LOAD FREQUENCY
vs
LOAD RESISTANCE
RESPONSE
CASE TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com