Electronic Components Datasheet Search
  English  ▼

X  

THS4303 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS4303
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4303 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4303 Datasheet HTML 6Page - Texas Instruments THS4303 Datasheet HTML 7Page - Texas Instruments THS4303 Datasheet HTML 8Page - Texas Instruments THS4303 Datasheet HTML 9Page - Texas Instruments THS4303 Datasheet HTML 10Page - Texas Instruments THS4303 Datasheet HTML 11Page - Texas Instruments THS4303 Datasheet HTML 12Page - Texas Instruments THS4303 Datasheet HTML 13Page - Texas Instruments THS4303 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
www.ti.com
40
45
50
55
60
65
70
75
−40−30 −20−10 0
10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
PSRR+
VS = 5 V
PSRR−
CMMR
−10
0
10
20
30
40
50
60
70
0
1
2
3
4
5
VICR − Input Common-Mode Voltage Range − V
VS = 5 V
0
10
20
30
40
50
60
70
100 k
1 M
10 M
100 M
1 G
CMRR
PSRR+
VS = 5 V
f − Frequency − Hz
−0.1
−0.05
0
0.05
0.1
0.15
0
2
4
6
8
10
12
RL = 100 Ω
Input tr/tf = 60 ps
VS = 5 V
t − Time − ns
0
0.5
1
1.5
2
2.5
3
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
VS = 5 V
TC − Case Temperature − °C
0
2
4
6
8
10
12
14
−40 −30−20−10 0 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
VS = 5V
−1.5
−1
−0.5
0
0.5
1
1.5
0
2
4
6
8
10
12
t − Time − ns
RL = 100 Ω
Input tr/tf = 60 ps
VS = 5 V
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
0
100 200 300 400 500 600 700 800 900 1000
−0.3
−0.25
−0.2
−0.15
−0.1
−0.05
0
0.05
0.1
0.15
0.2
0.25
0.3
t − Time − ns
VS = 5 V
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
TYPICAL THS4303 CHARACTERISTICS (5 V) (continued)
REJECTION RATIO
REJECTION RATIOS
COMMON-MODE REJECTION RATIO
vs
vs
vs
FREQUENCY
CASE TEMPERATURE
INPUT COMMON-MODE RANGE
Figure 19.
Figure 20.
Figure 21.
INPUT OFFSET VOLTAGE
POSITIVE INPUT BIAS CURRENT
vs
vs
SMALL-SIGNAL
CASE TEMPERATURE
CASE TEMPERATURE
TRANSIENT RESPONSE
Figure 22.
Figure 23.
Figure 24.
LARGE-SIGNAL TRANSIENT RESPONSE
OVERDRIVE RECOVERY TIME
Figure 25.
Figure 26.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com