Electronic Components Datasheet Search
  English  ▼

X  

TPS2046BD Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS2046BD
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2046BD Datasheet(HTML) 2 Page - Texas Instruments

  TPS2046BD Datasheet HTML 1Page - Texas Instruments TPS2046BD Datasheet HTML 2Page - Texas Instruments TPS2046BD Datasheet HTML 3Page - Texas Instruments TPS2046BD Datasheet HTML 4Page - Texas Instruments TPS2046BD Datasheet HTML 5Page - Texas Instruments TPS2046BD Datasheet HTML 6Page - Texas Instruments TPS2046BD Datasheet HTML 7Page - Texas Instruments TPS2046BD Datasheet HTML 8Page - Texas Instruments TPS2046BD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATING RATING TABLE
TPS2045B, TPS2055B
TPS2046B, TPS2047B
SLVS532C – JULY 2004 – REVISED OCTOBER 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
RECOMMENDED
TYPICAL
MAXIMUM
SHORT-CIRCUIT
NUMBER
PACKAGED
TA
ENABLE
CONTINUOUS
CURRENT LIMIT
OF
DEVICES
(1)
LOAD CURRENT
AT 25
°C
SWITCHES
(A)
(A)
SOIC (D)
TPS4045BD
Active low
0.25
0.5
Single
SOT-23 (DBV)
TPS4045BDBV
SOIC (D)
TPS4055BD
–40
°C to 85°C
Active high
0.25
0.5
Single
SOT-23 (DBV)
TPS4055BDBV
Dual
SOIC (D)
TPS2046BD
Active low
0.25
0.5
Triple
SOIC (D)
TPS2047BD
(1)
The D package is available taped and reeled. Add an R suffix to device type (e.g., TPS2046BDR)
over operating free-air temperature range unless otherwise noted
(1)
UNIT
VI(IN), VI(INx)
Input voltage range(2)
–0.3 V to 6 V
VO(OUTx)
Output voltage range (2)
–0.3 V to 6 V
VI(/ENx)
Input voltage range
–0.3 V to 6 V
VI(/OCx)
Voltage range
–0.3 V to 6 V
IO(OUTx)
Continuous output current
Internally limited
Continuous total power dissipation
See Dissipation Rating Table
TJ
Operating virtual junction temperature range
–40
°C to 125°C
Tstg
Storage temperature range
–65
°C to 150°C
Human body model MIL-STD-883C
2 kV
ESD
Electrostatic discharge protection
Charge device model (CDM)
500 V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to GND.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D-8
585.82 mW
5.8582 mW/
°C
322.2 mW
234.32 mW
D-16
898.47 mW
8.9847 mW/
°C
494.15 mW
359.38 mW
DBV-5
308.6419 mW
3.086419 mW/
°C
169.753 mW
123.4567 mW
2
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2045B TPS2055B TPS2046B TPS2047B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com