Electronic Components Datasheet Search
  English  ▼

X  

TPS2046BD Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2046BD
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2046BD Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2046BD Datasheet HTML 17Page - Texas Instruments TPS2046BD Datasheet HTML 18Page - Texas Instruments TPS2046BD Datasheet HTML 19Page - Texas Instruments TPS2046BD Datasheet HTML 20Page - Texas Instruments TPS2046BD Datasheet HTML 21Page - Texas Instruments TPS2046BD Datasheet HTML 22Page - Texas Instruments TPS2046BD Datasheet HTML 23Page - Texas Instruments TPS2046BD Datasheet HTML 24Page - Texas Instruments TPS2046BD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
www.ti.com
ENABLE (ENx)
OVERCURRENT (OCx)
CURRENT SENSE
THERMAL SENSE
UNDERVOLTAGE LOCKOUT
TPS2045B, TPS2055B
TPS2046B, TPS2047B
SLVS532C – JULY 2004 – REVISED OCTOBER 2007
The logic enable disables the power switch and the bias for the charge pump, driver, and other circuitry to reduce
the supply current. The supply current is reduced to less than 1
μA or 2 μA when a logic low is present on ENx.
A logic high input on ENx restores bias to the drive and control circuits and turns the switch on. The enable input
is compatible with both TTL and CMOS logic levels.
The OCx open-drain output is asserted (active low) when an overcurrent or overtemperature condition is
encountered. The output remains asserted until the overcurrent or overtemperature condition is removed. A
10-ms deglitch circuit prevents the OCx signal from oscillation or false triggering. If an overtemperature shutdown
occurs, the OCx is asserted instantaneously.
A sense FET monitors the current supplied to the load. The sense FET measures current more efficiently than
conventional resistance methods. When an overload or short circuit is encountered, the current-sense circuitry
sends a control signal to the driver. The driver in turn reduces the gate voltage and drives the power FET into its
saturation region, which switches the output into a constant-current mode and holds the current constant while
varying the voltage on the load.
The TPS204xB/TPS2055B implements a thermal sensing to monitor the operating temperature of the power
distribution switch. In an overcurrent or short-circuit condition, the junction temperature rises. When the die
temperature rises to approximately 140
°C due to overcurrent conditions, the internal thermal sense circuitry turns
off the switch, thus preventing the device from damage. Hysteresis is built into the thermal sense, and after the
device has cooled approximately 10 degrees, the switch turns back on. The switch continues to cycle off and on
until the fault is removed. The open-drain false reporting output (OCx) is asserted (active low) when an
overtemperature shutdown or overcurrent occurs.
A voltage sense circuit monitors the input voltage. When the input voltage is below approximately 2 V, a control
signal turns off the power switch.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS2045B TPS2055B TPS2046B TPS2047B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com