Electronic Components Datasheet Search
  English  ▼

X  

TPS2046BD Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2046BD
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2046BD Datasheet(HTML) 4 Page - Texas Instruments

  TPS2046BD Datasheet HTML 1Page - Texas Instruments TPS2046BD Datasheet HTML 2Page - Texas Instruments TPS2046BD Datasheet HTML 3Page - Texas Instruments TPS2046BD Datasheet HTML 4Page - Texas Instruments TPS2046BD Datasheet HTML 5Page - Texas Instruments TPS2046BD Datasheet HTML 6Page - Texas Instruments TPS2046BD Datasheet HTML 7Page - Texas Instruments TPS2046BD Datasheet HTML 8Page - Texas Instruments TPS2046BD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
www.ti.com
TPS2045B, TPS2055B
TPS2046B, TPS2047B
SLVS532C – JULY 2004 – REVISED OCTOBER 2007
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 0.25 A, VI(ENx) = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
SUPPLY CURRENT (TPS2047B)
TJ = 25°C
0.5
2
Supply current, low-level output
No load on OUT, VI(/ENx) = 5.5 V
μA
–40
°C ≤ T
J ≤ 125°C
0.5
10
TJ = 25°C
65
90
Supply current, high-level output
No load on OUT, VI(/ENx) = 0 V
μA
–40
°C ≤ T
J ≤ 125°C
65
110
OUT connected to ground,
Leakage current
–40
°C≤ T
J≤ 125°C
1
μA
VI(/ENx) = 5.5 V
Reverse leakage current
VI(OUTx) = 5.5 V, INx = ground
(3)
TJ = 25°C
0.2
μA
UNDERVOLTAGE LOCKOUT
Low-level input voltage, IN, INx
2
2.5
V
Hysteresis, IN, INx
TJ = 25°C
75
mV
OVERCURRENT OC and OCx
Output low voltage, VOL(/OCx)
IO(/OCx) = 5 mA
0.4
V
Off-state current(3)
VO(/OCx) = 5 V or 3.3 V
1
μA
OC deglitch(3)
OCx assertion or deassertion
4
8
15
ms
THERMAL SHUTDOWN(4)
Thermal shutdown threshold(3)
135
°C
Recovery from thermal shutdown(3)
125
°C
Hysteresis(3)
10
°C
(3)
Not tested in production, specified by design.
(4)
The thermal shutdown only reacts under overcurrent conditions.
4
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2045B TPS2055B TPS2046B TPS2047B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com