Electronic Components Datasheet Search
  English  ▼

X  

TPS2046BD Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS2046BD
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2046BD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2046BD Datasheet HTML 8Page - Texas Instruments TPS2046BD Datasheet HTML 9Page - Texas Instruments TPS2046BD Datasheet HTML 10Page - Texas Instruments TPS2046BD Datasheet HTML 11Page - Texas Instruments TPS2046BD Datasheet HTML 12Page - Texas Instruments TPS2046BD Datasheet HTML 13Page - Texas Instruments TPS2046BD Datasheet HTML 14Page - Texas Instruments TPS2046BD Datasheet HTML 15Page - Texas Instruments TPS2046BD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
www.ti.com
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − 5C
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 2.7 V
TJ − Junction Temperature − 5C
VI = 3.3 V
0.45
0.46
0.47
0.48
0.49
0.5
0.51
0.52
0.53
0.54
-50
0
50
100
150
VI = 5 V
VI = 3.3 V
VI = 5.5 V
TJ - Junction Temperature - 5C
VI = 2.7 V
0
20
40
60
80
100
120
-50
0
50
100
150
VI = 5 V
VI = 3.3 V
TJ - Junction Temperature - 5C
VI = 2.7 V
IO = 0.25 A
TPS2045B, TPS2055B
TPS2046B, TPS2047B
SLVS532C – JULY 2004 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
TPS2046B
TPS2047B
SUPPLY CURRENT, OUTPUT DISABLED
SUPPLY CURRENT, OUTPUT DISABLED
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 16.
Figure 17.
STATIC DRAIN-SOURCE ON-STATE RESISTANCE
SHORT-CIRCUIT OUTPUT CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 18.
Figure 19.
12
Submit Documentation Feedback
Copyright © 2004–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS2045B TPS2055B TPS2046B TPS2047B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com