Electronic Components Datasheet Search
  English  ▼

X  

TPS2046BD Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS2046BD
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2046BD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS2046BD Datasheet HTML 9Page - Texas Instruments TPS2046BD Datasheet HTML 10Page - Texas Instruments TPS2046BD Datasheet HTML 11Page - Texas Instruments TPS2046BD Datasheet HTML 12Page - Texas Instruments TPS2046BD Datasheet HTML 13Page - Texas Instruments TPS2046BD Datasheet HTML 14Page - Texas Instruments TPS2046BD Datasheet HTML 15Page - Texas Instruments TPS2046BD Datasheet HTML 16Page - Texas Instruments TPS2046BD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
www.ti.com
VI - Input Voltage - V
0.5
0.7
0.9
1.1
1.3
1.5
2.5
3
3.5
4
4.5
5
5.5
6
TA = 255C
Load Ramp = 1A/10 ms
2.1
2.14
2.18
2.22
2.26
2.3
−50
0
50
100
150
UVLO Rising
UVLO Falling
TJ − Junction Temperature − 5C
0
50
100
150
200
0
1
2
3
4
5
Peak Current - A
VI = 5 V,
TA = 255C
TPS2045B, TPS2055B
TPS2046B, TPS2047B
SLVS532C – JULY 2004 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
THRESHOLD TRIP CURRENT
UNDERVOLTAGE LOCKOUT
vs
vs
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 20.
Figure 21.
CURRENT-LIMIT RESPONSE
vs
PEAK CURRENT
Figure 22.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS2045B TPS2055B TPS2046B TPS2047B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com