Electronic Components Datasheet Search
  English  ▼

X  

TPS2046BD Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS2046BD
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2046BD Datasheet(HTML) 1 Page - Texas Instruments

  TPS2046BD Datasheet HTML 1Page - Texas Instruments TPS2046BD Datasheet HTML 2Page - Texas Instruments TPS2046BD Datasheet HTML 3Page - Texas Instruments TPS2046BD Datasheet HTML 4Page - Texas Instruments TPS2046BD Datasheet HTML 5Page - Texas Instruments TPS2046BD Datasheet HTML 6Page - Texas Instruments TPS2046BD Datasheet HTML 7Page - Texas Instruments TPS2046BD Datasheet HTML 8Page - Texas Instruments TPS2046BD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
D-16
D-8
DBV-5
1
FEATURES
APPLICATIONS
EN1
EN3
EN
†
EN2
NC
OC3
NC
OUT3
TPS2047B
DPACKAGE
(TOP VIEW)
NC
GND
GND
GND
GND
IN
OUT
IN1
IN2
TPS2045B/TPS2055B
DPACKAGE
(TOP VIEW)
TPS2045B/TPS2055B
DBVPACKAGE
(TOP VIEW)
OC
OUT
OUT
OC
Allenableinputsareactivehigh
fortheTPS2055B.
†
(EN)
NC-NoConnection
OC1
OC2
OUT1
OUT2
EN1
IN
EN2
GND
IN
TPS2046B
DPACKAGE
(TOP VIEW)
OC1
OC2
EN
†
OUT1
OUT2
IN
OUT
DESCRIPTION
TPS2045B, TPS2055B
TPS2046B, TPS2047B
SLVS532C – JULY 2004 – REVISED OCTOBER 2007
www.ti.com
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
• Heavy Capacitive Loads
• 70-mΩ High-Side MOSFET
• Short-Circuit Protections
• 250-mA Continuous Current
• Thermal and Short-Circuit Protection
• Accurate Current Limit (0.3 A min, 0.7 A max)
• Operating Range: 2.7 V to 5.5 V
• 0.6-ms Typical Rise Time
• Undervoltage Lockout
• Deglitched Fault Report (OC)
• No OC Glitch During Power Up
• Maximum Standby Supply Current:
1-
μA (Single and Dual) or 2-μA (Triple)
• Bidirectional Switch
• Ambient Temperature Range: –40°C to 85°C
• ESD Protection
• UL Pending
The TPS204xB/TPS2055B power-distribution switches are intended for applications where heavy capacitive
loads and short circuits are likely to be encountered. These devices incorporate 70-m
Ω N-channel MOSFET
power switches for power-distribution systems that require multiple power switches in a single package. Each
switch is controlled by a logic-enable input. Gate drive is provided by an internal charge pump designed to
control the power-switch rise times and fall times to minimize current surges during switching. The charge pump
requires no external components and allows operation from supplies as low as 2.7 V.
When the output load exceeds the current-limit threshold or a short is present, the device limits the output current
to a safe level by switching into a constant-current mode, pulling the overcurrent (OCx) logic output low. When
continuous heavy overloads and short-circuits increase the power dissipation in the switch, causing the junction
temperature to rise, a thermal protection circuit shuts off the switch to prevent damage. Recovery from a thermal
shutdown is automatic once the device has cooled sufficiently. Internal circuitry ensures that the switch remains
off until valid input voltage is present. This power-distribution switch is designed to set current limit at 0.5 A
typically.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2004–2007, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS2046BD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2046BD TI1-TPS2046BD Datasheet
881Kb / 29P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2046BDG4 TI1-TPS2046BDG4 Datasheet
881Kb / 29P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2046BDR TI1-TPS2046BDR Datasheet
881Kb / 29P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2046BDRG4 TI1-TPS2046BDRG4 Datasheet
881Kb / 29P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2046BD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
Oct-2003
ST2054 STMICROELECTRONICS-ST2054 Datasheet
445Kb / 9P
CURRENT LIMITED POWER DISTRIBUTION SWITCHES
13-Jul-2005
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2066 TI-TPS2066_08 Datasheet
1Mb / 35P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
Current limited Power distribution switches
29-May-2007
logo
Texas Instruments
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
Current Limited, Power-Distribution Switches
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com