Electronic Components Datasheet Search
  English  ▼

X  

TPS2046BD Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS2046BD
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2046BD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2046BD Datasheet HTML 7Page - Texas Instruments TPS2046BD Datasheet HTML 8Page - Texas Instruments TPS2046BD Datasheet HTML 9Page - Texas Instruments TPS2046BD Datasheet HTML 10Page - Texas Instruments TPS2046BD Datasheet HTML 11Page - Texas Instruments TPS2046BD Datasheet HTML 12Page - Texas Instruments TPS2046BD Datasheet HTML 13Page - Texas Instruments TPS2046BD Datasheet HTML 14Page - Texas Instruments TPS2046BD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
0
250
300
350
400
450
500
2
3
4
5
6
VI - Input Voltage - V
CL = 1 mF,
RL = 20 W,
TA = 255C
200
150
100
50
0
40
60
100
140
160
2
3
4
5
6
CL = 1 mF,
RL = 20 W,
TA = 255C
VI - Input Voltage - V
20
80
120
0
10
20
30
40
50
60
70
80
90
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − 5C
0
10
20
30
40
50
60
70
−50
0
50
100
150
VI = 5.5 V
VI = 5 V
VI = 3.3 V
VI = 2.7 V
TJ − Junction Temperature − 5C
TPS2045B, TPS2055B
TPS2046B, TPS2047B
SLVS532C – JULY 2004 – REVISED OCTOBER 2007
TYPICAL CHARACTERISTICS (continued)
RISE TIME
FALL TIME
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 12.
Figure 13.
TPS2046B
TPS2047B
SUPPLY CURRENT, OUTPUT ENABLED
SUPPLY CURRENT, OUTPUT ENABLED
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 14.
Figure 15.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2045B TPS2055B TPS2046B TPS2047B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com