Electronic Components Datasheet Search
  English  ▼

X  

PHCB Datasheet(PDF) 3 Page - Pentair plc. All rights reserved.

Part # PHCB
Description  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PHCB Datasheet(HTML) 3 Page - Pentair plc. All rights reserved.

  PHCB Datasheet HTML 1Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 2Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 3Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 4Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 5Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 6Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 7Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 8Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For open Frame rackS
Spec-00035 S
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
acceSSorieS
3
SinGle-Sided STeel venTed ShelF
Vented shelf mounts to either front or rear flange of open-frame
rack. Steel with textured black polyester powder paint finish.
Load rating: 150 lb. (68.0 kg)
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
ESH19V
4.85 x 19.00 x 10.50
123 x 483 x 267
19 in.
3
ESH23V
4.85 x 23.00 x 10.50
123 x 584 x 267
23 in.
3
double-Sided Solid-STeel ShelF
Solid double-deep shelf mounts to both front and rear flanges of
open frame rack. Steel with textured black polyester powder paint
finish.
Load rating: 300 lb. (136.1 kg)
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
ESHD19
4.85x 19.00 x 10.50
123 x 483 x 267
19 in.
3
ESHD23
4.85 x 23.00 x 10.50
123 x 584 x 267
23 in.
3
double-Sided STeel venTed ShelF
Vented, double-deep shelf mounts to both front and rear flanges of
open frame rack. Steel with textured black polyester powder paint
finish.
Load rating: 300 lb. (136.1 kg)
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
ESHDV19
4.85 x 19.00 x 10.50
123 x 483 x 267
19 in.
3
ESHDV23
4.85 x 23.00 x 10.50
123 x 584 x 267
23 in.
3
cenTer-mounT STeel ShelveS
19-in. shelf mounts to the front of the rack. Ideal for supporting
monitors or computers. Designed to evenly distribute load across
the rack. Manufactured from 16 gauge steel. Black, low-gloss,
light-textured polyester powder paint finish on all surfaces.
Load rating: 100 lb. (45.4 kg)
Bulletin: DOFRc
Catalog Number
H x W x D
in./mm
Style
Rack Units
ECMS1918
3.50 x 19.00 x 18.00
89 x 483 x 457
Solid
2
ECMS1922
3.50 x 19.00 x 22.00
89 x 483 x 559
Solid
2
ECMSV1918
3.50 x 19.00 x 18.00
89 x 483 x 457
Vented
2
ECMSV1922
3.50 x 19.00 x 22.00
89 x 483 x 559
Vented
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com