Electronic Components Datasheet Search
  English  ▼

X  

PHCB Datasheet(PDF) 7 Page - Pentair plc. All rights reserved.

Part # PHCB
Description  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PHCB Datasheet(HTML) 7 Page - Pentair plc. All rights reserved.

Back Button PHCB Datasheet HTML 3Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 4Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 5Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 6Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 7Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 8Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 9Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 10Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 11Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For rackS and cabinetS
Spec-00035 S
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
acceSSorieS
7
SinGle-Sided ShelF
Mounts to 19-in. rack angles to
house voice/data networking
equipment. RAL 9005 black finish.
Load rating: 75 lb. (34 kg)
Bulletin: DAccY
Catalog Number
H x W x D (in.)
H x W x D (mm)
Style
Rack Units
ESH198
3.74 x 19.00 x 8.00
95 x 483 x 203
Solid
2
ESH1915
3.74 x 19.00 x 15.00
95 x 483 x 381
Solid
2
ESH1915V
3.74 x 19.00 x 15.00
95 x 483 x 381
Vented
2
ESH1917
3.74 x 19.00 x 17.00
95 x 483 x 432
Solid
2
SlidinG equiPmenT ShelF
Steel Sliding Equipment Shelf mounts to front surface of front and
back rack angles. Models fit 19- or 23-in. rack spacing. Adjusts to
fit multiple-depth enclosures and rack angle placements. Shelf
can be used on 2-post rack or cabinet with front rack angles only by
reversing support bracket. Optional cable manager arm available.
14 gauge steel with 12 gauge supports and RAL 9005 black or RAL
7035 gray polyester powder paint finish. Load rating: 150 lb. (68.0
kg) with four corner mounting; 75 lb. (34.0 kg) with two-post or
front-rack-angle cabinet mounting.
Optional Cable Manager Arm is recommended to help control cable
movement as shelf slides in and out.
Bulletin: DAccY, p20
2-ISO2
Catalog Number
D Max. (in.)
D Max. (mm)
L (in.)
L (mm)
J (in.)
J (mm)
Shelf
Pullout
(in.)
Shelf
Pullout
(mm)
Fits
Rack
Rack
Units
Color
P19SHP68B
37.40
950
16.72
425
16.20
412
17.00
432
19 in.
2
Black
P19SHP68
37.40
950
16.72
425
16.20
412
17.00
432
19 in.
2
Gray
P19SHP810B
41.30
1050
24.59
625
16.20
412
17.00
432
19 in.
2
Black
P19SHP810
41.30
1050
24.59
625
16.20
412
17.00
432
19 in.
2
Gray
P23SHP68B
37.40
950
16.72
425
20.20
513
17.00
432
23 in.
2
Black
P23SHP68
37.40
950
16.72
425
20.20
513
17.00
432
23 in.
2
Gray
P23SHP810B
41.30
1050
24.59
625
20.20
513
17.00
432
23 in.
2
Black
P23SHP810
41.30
1050
24.59
625
20.20
513
17.00
432
23 in.
2
Gray
cable manaGer arm For SlidinG equiPmenT
ShelF
Cable Manager Arm mounts to back of sliding equipment shelf on
right or left side. Controls cable movement as shelf slides in and
out. 14 gauge steel with RAL 9005 black polyester powder paint
finish.
Bulletin: DAccY
Catalog Number
Description
Use With
PHCB
Cable Manager Arm
Sliding Equipment Shelf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com