Electronic Components Datasheet Search
  English  ▼

X  

PHCB Datasheet(PDF) 10 Page - Pentair plc. All rights reserved.

Part # PHCB
Description  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PHCB Datasheet(HTML) 10 Page - Pentair plc. All rights reserved.

Back Button PHCB Datasheet HTML 4Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 5Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 6Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 7Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 8Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 9Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 10Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 11Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 12Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS drawerS
Spec-00035 S
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
acceSSorieS
10
drawerS
16 gauge steel drawer extends 17.00 in. (432 mm) on ball bearing
slides. Drawer has polyester powder paint finish and recessed
black pull handle. Drawers mount between two pair of rack-
mounting angles that have accessory mounting legs. Includes
provision for attaching a writing surface. Plated steel mounting
hardware is furnished.
Bulletin: p20, X20
Catalog Number
H
in./mm
Color
Fits Rack Width
A19DR2U
3.47
88
RAL 7035 Light Gray
19 in.
DL729DR
6.97
177
White
24 in.
Enclosure must be at least 24-in. (600-mm) deep.
concePT Keyboard box
Keyboard box is designed to fit on an outside surface of an
enclosure to provide a self-contained external Type 4 housing for a
keyboard. The box attaches to the enclosure surface with 4 bolts.
A large hole and rubber plug are provided for keyboard cord and
plug. The hinged cover is supported with flexible cables in the
open position. A left and a right mouse tray slides out from under
the keyboard mounting surface. VELCRO® strips with pressure-
sensitive adhesive are supplied to attach a keyboard. An internal
mouse storage pracket is provided. The box and cover are 16 gauge
steel with ANSI 61 gray polyester powder paint finish. Cover latches
with a single quarterturn slotted latch. Optional CONCEPT latches
also fit.
VELCRO is a trademark of Velcro Industries B.V.
Bulletin: A80
Catalog Number
AxBxC in./mm
Max. Keyboard Size
W x D x H
in./mm
CKBC24
10.00 x 23.30 x 4.79
254 x 592 x 122
20.20 x 8.00 x 2.34
513 x 203 x 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com