Electronic Components Datasheet Search
  English  ▼

X  

PHCB Datasheet(PDF) 5 Page - Pentair plc. All rights reserved.

Part # PHCB
Description  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PHCB Datasheet(HTML) 5 Page - Pentair plc. All rights reserved.

  PHCB Datasheet HTML 1Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 2Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 3Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 4Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 5Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 6Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 7Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 8Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For rackS and cabinetS
Spec-00035 S
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
acceSSorieS
5
PivoTinG Keyboard ShelF wiTh mouSe Tray
Mounts either in a cabinet or on a 19-in. open-frame rack. Shelf
pulls out and pivots 90 degrees to access full-size keyboard.
Shelf allows keyboard to slide between standard rack angles and
includes mouse tray. 16 gauge steel with RAL 9005 black polyester
powder paint finish. Keyboard tray extends 9.75 in. (248 mm) beyond
front of rack angles or open-frame rack.
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
P19KBPVT
3.50 x 18.89 x 19.25
89 x 480 x 489
19 in.
2
STeel Keyboard/moniTor ShelF
Designed to accommodate a monitor and keyboard in an
ergonomically engineered design. Shelf mounts to front flange of
open-frame rack. Can mount in a cabinet if rack angles are adjusted
back for door clearance. Uses 3U of rack space. 19-in. and 23-in.
rack versions. Steel with textured black finish.
Load rating: 200 lb. (91 kg)
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
ESH19KBM
5.25 x 17.38 x 15.10
133 x 441 x 384
19
3
ESH23KBM
5.25 x 21.38 x 15.10
133 x 543 x 384
23
3
Pull-ouT ShelF For mini Keyboard
Pull-Out Shelf for Mini Keyboard mounts either in a cabinet or on a
19-in. open-frame rack and fits a 16.25-in. (413-mm) wide keyboard.
When closed, all parts slide between rack angles. Keyboard tray
slides out 8.94 in. (227 mm). 16 gauge steel with RAL 9005 black
polyester powder paint finish.
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
P19KBSM
3.50 x 18.31 x 12.42
89 x 465 x 315
19 in.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com