| Electronic Components Datasheet Search |
|
PHCB Datasheet(PDF) 11 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PHCB Datasheet(HTML) 11 Page - Pentair plc. All rights reserved. |
|
11 / 12 page ![]() ShelveS, Keyboard TrayS and Gland PlaTeS gland plateS Spec-00035 S EQUIPMENT PROTECTION SUBJECT TO CHANGE WITHOUT NOTICE acceSSorieS 11 12 GauGe Gland PlaTe, TyPe 4 and TyPe 12 Mild steel gland plates are constructed of 12 gauge steel and finished with ANSI 61 gray polyester powder paint. Gland plates provide a removable cable egress and entry plate while maintaining enclosure rating of UL Type 4 and Type 12. Easy installation by cutting a rectangular opening in the enclosure and fastening with included hardware kit. Bulletin: Gp1 Catalog Number Cutout Size (in.) Cutout Size (mm) W x H (in.) W x H (mm) GP126 9.50 x 3.75 241 x 95 10.98 x 5.23 279 x 133 GP128 9.50 x 5.75 241 x 146 10.98 x 7.23 279 x 184 GP166 13.50 x 3.75 343 x 95 14.98 x 5.23 380 x 133 GP168 13.50 x 5.75 343 x 146 14.98 x 7.23 380 x 184 GP206 17.50 x 3.75 446 x 95 18.98 x 5.23 482 x 133 GP208 17.50 x 5.75 446 x 146 18.98 x 7.23 482 x 184 GP248 21.50 x 5.75 546 x 146 22.98 x 7.23 584 x 184 GP2412 21.50 x 7.00 546 x 178 22.98 x 8.48 584 x 215 16 GauGe Gland PlaTe Constructed of 16 gauge steel. Gland plates will maintain UL/CSA Type 12 integrity while providing a removable cable egress and entry plate. Easily installed by cutting a rectangular opening in the enclosure. Finish is AnSi 61 gray polyester powder paint. Bulletin: A80 Catalog Number K in./mm L in./mm DLGP610 9.00 229 9.94 252 DLGP618 17.00 432 17.94 457 12 GauGe Gland PlaTe Constructed of 12 gauge steel and designed for use with 10 gauge and 12 gauge enclosures. Provides a removable cable egress and entry plate while maintaining UL/NEMA integrity of the enclosure. Gasket with pressure-sensitive adhesive is included to be applied after desired modifications are completed. Finish is AnSi 61 gray polyester powder paint. Maintains UL/NEMA Type 4 and Type 12 if properly installed in a Hoffman enclosure. Bulletin: A34Y Catalog Number Size in./mm Opening Size in./mm AGP618 6.50 x 18.50 165 x 470 4.00 x 16.00 102 x 406 AGP1218 12.50 x 18.50 318 x 470 10.00 x 16.00 254 x 406 AGP1618 16.50 x 18.50 419 x 470 14.00 x 16.00 356 x 406 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |