Electronic Components Datasheet Search
  English  ▼

X  

PHCB Datasheet(PDF) 8 Page - Pentair plc. All rights reserved.

Part # PHCB
Description  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PHCB Datasheet(HTML) 8 Page - Pentair plc. All rights reserved.

Back Button PHCB Datasheet HTML 4Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 5Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 6Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 7Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 8Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 9Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 10Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 11Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 12Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For rackS and cabinetS
Spec-00035 S
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
acceSSorieS
8
Keyboard comParTmenT For 19-in. racKS
Provides a convenient way to
incorporate a keyboard with
other 19-in. rack-mounted
equipment. Uses 2 RU of space.
Made of light-weight aluminum
with brushed finish. Accommodates
keyboard up to 16.50-in. (419-mm)
wide. Mounting hardware included.
Bulletin: DAccY
Catalog Number
Fits rack width
Rack Units
A19KBC2B
19
2
racK-anGle mounTed drawer
Steel drawer for 19-in. rack-angle mounting mounts to the front
surface of the rack angles. Integral steel box contains the drawer
and protects surrounding internal equipment. Extends 13 in. (330
mm) on ball bearing slides. Front includes handle and key lock.
Finish is rAL 7035 textured light-gray polyester powder paint.
Mounting hardware is included.
Bulletin: p20
Catalog Number
H (mm)
H (in.)
Fits Rack
Width
Rack
Units
P19DR1US
43
1.69
19 in.
1
P19DR2US
88
3.47
19 in.
2
P19DR3US
132
5.20
19 in.
3
wriTinG SurFace For racK-anGle-mounTed drawer
Steel cover mounts on top of the
drawer and serves as a writing
surface and drawer cover. Finish
is RAL 7035 light-gray textured
polyester powder paint. Drawer
shown in illustration and photo must
be ordered separately.
Bulletin: p20
Catalog Number
Description
Fits
P19WS
Steel writing surface and cover
Drawer (order separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com