Electronic Components Datasheet Search
  English  ▼

X  

PHCB Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # PHCB
Description  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PHCB Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  PHCB Datasheet HTML 1Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 2Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 3Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 4Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 5Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 6Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 7Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 8Page - Pentair plc. All rights reserved. PHCB Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS Folding ShelveS
Spec-00035 S
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
acceSSorieS
1
Spec-00035
STainleSS STeel FoldinG ShelF
Supports instruments and test equipment used to install and
maintain electrical components in an enclosure. Also ideally
suited for supporting laptop computers, monitoring units and
other equipment used with programmable controllers. The shelf
can be installed on the inside or outside surface of larger Hoffman
industrial enclosures (except PROLINE). Automatically locks in the
horizontal position when raised. When not in use, the shelf folds
down and projects only 1 in. (25 mm) from the mounting surface.
Constructed of 304 stainless steel with a brushed finish. Maintains
UL/CSA Type 4, 4X and 12 rating when properly installed on a
Hoffman enclosure.
Bulletin: A80
Catalog Number
Size AxB
in./mm
Maximum
Distributed
Load Rating (lb.)
Maximum
Distributed
Load Rating (kg)
ACSHELF1212SS
12.00 x 12.00
305 x 305
150
68
ACSHELF1818SS
18.00 x 18.00
457 x 457
150
68
ACSHELF2424SS
24.00 x 24.00
610 x 610
150
68
larGe FoldinG ShelF
Supports instruments and test equipment used to install and
maintain electrical components in an enclosure. Also ideally
suited for supporting laptop computers, monitoring units and
other equipment used with programmable controllers. The shelf
can be installed on the inside or outside surface of larger Hoffman
industrial enclosures (except PROLINE). Automatically locks in the
horizontal position when raised. When not in use, the shelf folds
to 1.73 in. (44 mm) from the mounting surface. All parts are heavy
gauge steel. Maintains UL/CSA Type 4 and 12 when properly intalled
on a Hoffman enclosure.
Bulletin: A34Y
Catalog Number
Size AxB
in./mm
Maximum
Distributed
Load Rating (lb.)
Maximum
Distributed
Load Rating (kg)
Finish
AASHLF1218
18.00 x 12.00
457 x 305
150
68
White
AA61SHLF1218
18.00 x 12.00
457 x 305
150
68
Gray
AA35SHLF1218
18.00 x 12.00
457 x 305
150
68
Light gray
AASHLF1818
18.00 x 18.00
457 x 457
150
68
White
AA61SHLF1818
18.00 x 18.00
457 x 457
150
68
Gray
AA35SHLF1818
18.00 x 18.00
457 x 457
150
68
Light gray
AASHLF2424
24.00 x 24.00
610 x 610
150
68
White
AA61SHLF2424
24.00 x 24.00
610 x 610
150
68
Gray
AA35SHLF2424
24.00 x 24.00
610 x 610
150
68
Light gray


Similar Part No. - PHCB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
PHC ILLINOISCAPACITOR-PHC Datasheet
214Kb / 3P
Metallized polypropylene ??Low self inductance ??High capacitance ??Low ESR
logo
AG Electronica
PHC-026000000 AGELECTRONICA-PHC-026000000 Datasheet
334Kb / 1P
2 TERMINALES PARA BORNERA TIPO DESMONTABLE
10/11/2023
PHC-036000000 AGELECTRONICA-PHC-036000000 Datasheet
175Kb / 1P
3 TERMINALES PARA BORNERA TIPO DESMONTABLE
22/10/2019
logo
PATLITE CORPORATION.
PHC-D08 PATLITE-PHC-D08 Datasheet
167Kb / 3P
Interface Converter
Rev. B
PHC-D08N PATLITE-PHC-D08N Datasheet
167Kb / 3P
Interface Converter
Rev. B
More results

Similar Description - PHCB

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
Rack Mountable Power Shelves
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
Rack Mountable Power Shelves
logo
CONEC Elektronische Bau...
160X01879A CONEC-160X01879A Datasheet
59Kb / 1P
COVER PLATES
logo
List of Unclassifed Man...
1910DG ETC2-1910DG Datasheet
47Kb / 2P
KNOBS AND DIAL PLATES
logo
PANDUIT CORP.
FOSMF PANDUIT-FOSMF Datasheet
111Kb / 2P
Opticom Splice Modules, Trays, and Holders
logo
SICK AG
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
Mounting brackets and plates
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
Mounting brackets and plates
logo
Kendall Howard
1907-3-001-03 KENDALLHOWARD-1907-3-001-03 Datasheet
508Kb / 1P
CENTERLINE SHELVES
LDRS1U12V KENDALLHOWARD-LDRS1U12V Datasheet
224Kb / 2P
LIGHT DUTY RACK SHELVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com