Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS40021
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 12Page - Texas Instruments TPS40021 Datasheet HTML 13Page - Texas Instruments TPS40021 Datasheet HTML 14Page - Texas Instruments TPS40021 Datasheet HTML 15Page - Texas Instruments TPS40021 Datasheet HTML 16Page - Texas Instruments TPS40021 Datasheet HTML 17Page - Texas Instruments TPS40021 Datasheet HTML 18Page - Texas Instruments TPS40021 Datasheet HTML 19Page - Texas Instruments TPS40021 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
www.ti.com
VDD Filter Resistor
Thermal Shutdown
Package Power Dissipation
P
D(driver) + QG
V
DRIVE
F
SW W driver
(1)
P
T +
2
P
D
V
DRIVE
) I
Q
V
DD W
(2)
P
T + 2
G
Q
F
SW ) IQ
V
DD W
(3)
TPS40040, TPS40041
SLUS700D – MARCH 2006 – REVISED DECEMBER 2007
To further limit the noise on VDD, a small 1-
Ω to 2-Ω resistor may be placed between the input voltage and the
VDD pin to create a small filter to VDD. The resistor should connect near the drain of the upper switch MOSFET
to prevent trace IR drops from increasing the sensed voltage drop. The resistor itself should be placed close to
Pin 4.
The current through the resistor includes the device's no-load switching current of 2 mA plus gate switching
current. The voltage drop induced across this resistor reduces the VDD-to-SW voltage sensed by the over
current protection circuitry within the device. This results with the apparent voltage drop across the upper switch
MOSFET being increased, thereby decreasing the current at which protection will occur. To minimize this effect,
the resistor value should be selected to yield less than a 25-mV drop.
If the junction temperature of the device reaches the thermal shutdown level, the PWM and the oscillator are
turned off and HDRV and LDRV are driven off. When the junction cools to the required level, the PWM soft starts
as during a normal power-up cycle.
The power dissipation in a controller is largely dependent on the MOSFET driver currents and the input voltage.
The driver current is proportional to the total gate charge, QG, of the external MOSFETs, and the operating
frequency of the converter. Driver power, neglecting external gate resistance, is calculated from:
And the total power dissipation, assuming the same MOSFET is selected for both the high side and synchronous
rectifier is:
or
where IQ is the quiescent operating current (neglecting drivers).
The max power capability of the PowerPad™ package is dependent on the layout as well as air flow. The
thermal impedance from junction-to-air assuming 2-oz copper trace and thermal pad with solder and no air flow
is detailed in Reference [5].
16
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40040 TPS40041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com