Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS40021
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 2Page - Texas Instruments TPS40021 Datasheet HTML 3Page - Texas Instruments TPS40021 Datasheet HTML 4Page - Texas Instruments TPS40021 Datasheet HTML 5Page - Texas Instruments TPS40021 Datasheet HTML 6Page - Texas Instruments TPS40021 Datasheet HTML 7Page - Texas Instruments TPS40021 Datasheet HTML 8Page - Texas Instruments TPS40021 Datasheet HTML 9Page - Texas Instruments TPS40021 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
www.ti.com
−40
60
120
Temperature − C
610
608
604
602
600
594
590
−20
0
40
80
100
596
20
592
598
606
VDD = 2.25 V
VDD = 3.9 V
VDD = 5.5 V
−40
60
120
Temperature − C
4.50
4.45
4.40
4.35
4.25
4.20
−20
0
40
80
100
4.30
20
VDD = 5 V
−40
60
120
Temperature − C
6.1
6.0
5.9
5.8
5.6
5.5
−20
0
40
80
100
5.7
20
VDD = 5 V
−40
60
120
Temperature − C
6.0
5.9
5.8
5.7
5.6
5.5
−20
0
40
80
100
20
VDD = 5 V
−40
60
120
Temperature − C
450
400
300
250
200
100
50
−20
0
40
80
100
150
20
350
RC = 2.5 kΩ
RC =nil
RC = 12.5 kΩ
−40
60
120
Temperature − C
80
70
60
50
30
20
−20
0
40
80
100
40
20
VDD = 3.3 V
VDD = 5 V
TPS40040, TPS40041
SLUS700D – MARCH 2006 – REVISED DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
Soft Start Time
FB Voltage
Figure 7.
Figure 8.
PWM Gain (TPS40040)
PWM Gain (TPS40041)
Figure 9.
Figure 10.
ILIM Threshold
Bootstrap Switch Resistance
Figure 11.
Figure 12.
6
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40040 TPS40041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com