Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS40021
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 1 Page - Texas Instruments

  TPS40021 Datasheet HTML 1Page - Texas Instruments TPS40021 Datasheet HTML 2Page - Texas Instruments TPS40021 Datasheet HTML 3Page - Texas Instruments TPS40021 Datasheet HTML 4Page - Texas Instruments TPS40021 Datasheet HTML 5Page - Texas Instruments TPS40021 Datasheet HTML 6Page - Texas Instruments TPS40021 Datasheet HTML 7Page - Texas Instruments TPS40021 Datasheet HTML 8Page - Texas Instruments TPS40021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1
FEATURES
APPLICATIONS
CONTENTS
DESCRIPTION
SIMPLIFIED APPLICATION DIAGRAM
1
2
3
4
8
7
6
5
FB
COMP
VDD
TPS40040/1
GND
VOUT
VIN
EN
HDRV
SW
BOOT
LDRV
TPS40040, TPS40041
SLUS700D – MARCH 2006 – REVISED DECEMBER 2007
www.ti.com
LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC
CONTROLLER WITH ENABLE
• Point of Load
23
• 2.25-V to 5.5-V Input
• Telecommunications
• Output Voltage from 0.6 V to 90% of VIN
• DC to DC Modules
• High-Side Drive for N-Channel FET
• Set Top Boxes
• Supports Pre-Biased Outputs
• Adaptive Anti-Cross Conduction Gate Drive
• 1%, 0.6-V Reference
• Two Fixed Switching Frequency Versions,
Device Ratings
2
TPS40040 (300 kHz) and TPS40041 (600 kHz)
Electrical Characteristics
3
• Three Selectable Short Circuit Protection
Device Information
8
Levels of 105 mV, 180 mV and 310 mV
Application Information
10
• Hiccup Restart from Faults
Design Examples
19
• Voltage Mode Control
• Active Low Enable
Additional References
32
• Thermal Shutdown Protection at 145C
• 8-Pin, 3-mm x 3-mm SON with Ground
Connection to Thermal Pad
The TPS40040 and TPS40041 dc-to-dc controllers
are designed to operate from a 2.25-V to 5.5-V input
source.
To
reduce
the
number
of
external
components, several operating parameters are fixed
internally; namely, frequency, soft start time, and
short circuit protection (SCP) levels. For example, the
operating
frequencies
of
TPS40040/1
are
300
kHz/600 kHz, respectively.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
Predictive Gate Drive is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS40021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40021 TI-TPS40021 Datasheet
411Kb / 32P
ENHANCED LOW INPUT VOLTAGE MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021 TI1-TPS40021 Datasheet
1Mb / 39P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
TPS40021 TI2-TPS40021 Datasheet
819Kb / 39P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
REVISED JULY 2007
TPS40021 TI2-TPS40021 Datasheet
926Kb / 38P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
SEPTEMBER 2012
TPS40021-EP TI1-TPS40021-EP Datasheet
1Mb / 33P
ENHANCED, LOW-INPUT VOLTAGE-MODE SYNCHRONOUS BUCK CONTROLLER
More results

Similar Description - TPS40021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40190 TI-TPS40190 Datasheet
560Kb / 22P
LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40040 TI-TPS40040 Datasheet
771Kb / 36P
LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40042 TI-TPS40042 Datasheet
833Kb / 35P
LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
TPS40040 TI-TPS40040_15 Datasheet
991Kb / 38P
LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
TPS40190 TI-TPS40190_15 Datasheet
897Kb / 27P
LOW PIN COUNT SYNCHRONOUS BUCK CONTROLLER
TPS40042 TI1-TPS40042_16 Datasheet
1Mb / 36P
LOW PIN COUNT, LOW VIN (3.0 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH EXTERNAL REFERENCE INPUT
LM5143-Q1 TI1-LM5143-Q1 Datasheet
1Mb / 57P
3.5-V to 65-V Low IQ, Dual Synchronous Buck DC/DC Controller
logo
Rohm
BD83070GWL ROHM-BD83070GWL Datasheet
2Mb / 25P
Synchronous Buck-Boost DC/DC Converter with 2 A Switches (VIN = 2.0 V to 5.5 V, 1ch)
logo
Texas Instruments
LM25143 TI-LM25143 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com