Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS40021
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 2 Page - Texas Instruments

  TPS40021 Datasheet HTML 1Page - Texas Instruments TPS40021 Datasheet HTML 2Page - Texas Instruments TPS40021 Datasheet HTML 3Page - Texas Instruments TPS40021 Datasheet HTML 4Page - Texas Instruments TPS40021 Datasheet HTML 5Page - Texas Instruments TPS40021 Datasheet HTML 6Page - Texas Instruments TPS40021 Datasheet HTML 7Page - Texas Instruments TPS40021 Datasheet HTML 8Page - Texas Instruments TPS40021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.ti.com
DESCRIPTION (CONT.)
DEVICE RATINGS
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTROSTATIC DISCHARGE (ESD) PROTECTION
PACKAGE DISSIPATION RATINGS
(1)
TPS40040, TPS40041
SLUS700D – MARCH 2006 – REVISED DECEMBER 2007
One of three short circuit threshold levels may be selected by the addition of an external resistor from the COMP
pin to circuit ground. During power on, and before the internal soft start commands the output voltage to rise, the
TPS40040/1 enters a calibration cycle, measures the current out of the COMP pin, and selects an internal SCP
threshold voltage. At the end of the 1.6-ms calibration time, the output voltage is allowed to rise for a 4-ms soft
start. During operation, the selected SCP threshold voltage is compared to the upper MOSFET’s voltage drop
during its ON time to determine whether there is an overload condition.
The packaging of the TPS40040/1 is unique in that the PowerPAD™ is used as an electrical ground connection
as well as a thermal connection.
ORDERING INFORMATION
OPERATING FREQUENCY
PACKAGE
TAPE AND REEL QTY.
PART NUMBER
300 kHz
Plastic 8-pin SON (DRB)
250
TPS40040DRBT
300 kHz
Plastic 8-pin SON (DRB)
3000
TPS40040DRBR
600 kHz
Plastic 8-pin SON (DRB)
250
TPS40041DRBT
600 kHz
Plastic 8-pin SON (DRB)
3000
TPS40041DRBR
over operating free-air temperature range (unless otherwise noted, all voltages are with respect to GND.)
PARAMETER
VALUE
UNIT
VDD
6.5
SW
-3 to 10.5
SW
transient (< 50 ns)
-5
BOOT
SW+6.5
V
HDRV
SW to SW+6.5
EN, FB, LDRV
-0.3 to 6.5
COMP
-0.3 to 3
Operating junction temperature
-40 to 150
C
Storage junction temperature
-55 to 150
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.25
5.5
V
TJ
Junction temperature
-40
125
C
PARAMETER
MIN
TYP
MAX
UNIT
Human body model
2500
V
CDM
1500
V
THERMAL IMPEDANCE
TA = 25C POWER RATING
TA = 85C POWER RATING
JUNCTION-TO-AMBIENT
48C/W
2W
0.8W
(1)
For more information on the DRB package and the test method, refer to TI technical brief, literature number SZZA017.
2
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40040 TPS40041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com