Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS40021
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 17Page - Texas Instruments TPS40021 Datasheet HTML 18Page - Texas Instruments TPS40021 Datasheet HTML 19Page - Texas Instruments TPS40021 Datasheet HTML 20Page - Texas Instruments TPS40021 Datasheet HTML 21Page - Texas Instruments TPS40021 Datasheet HTML 22Page - Texas Instruments TPS40021 Datasheet HTML 23Page - Texas Instruments TPS40021 Datasheet HTML 24Page - Texas Instruments TPS40021 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
www.ti.com
Peak Current Rating of Inductor
I
CHARGE +
V
OUT
C
OUT
T
SS
(9)
L
L(peak) + IOUT(max) )
1
2
I
RIPPLE ) ICHARGE
(10)
Input Capacitor Selection (C1 & C2)
C
IN(min) +
I
LOAD
V
OUT
V
RIPPLE(cap)
V
IN
F
SW
(11)
ESR
MAX +
V
RIPPLE(ESR)
I
LOAD )
1
2
I
RIPPLE
(12)
I
RMS(cin) + IIN(rms) * IIN(avg) +
I
OUT
2
) 1
12
I
RIPPLE
2
V
OUT
V
IN
*
V
OUT
I
OUT
V
IN
(13)
TPS40040, TPS40041
SLUS700D – MARCH 2006 – REVISED DECEMBER 2007
With output capacitance known, it is now possible to calculate the charging current during start-up and determine
the minimum saturation current rating for the inductor. The start-up charging current is approximated by:
Using the TPS40041’s fixed 4.5-ms soft-start time, COUT = 200 µF and VOUT = 1.8 V, ICHARGE is found to be 80
mA. The peak current rating of the inductor is now found by:
The inductor requirements are summarized in the table below.
Inductor Requirements
PARAMETER
SYMBOL
VALUE
UNITS
Inductance
L
1.0
µH
RMS current (thermal rating)
IL(rms)
6.03
A
Peak current (saturation rating)
IL(peak)
7.08
A PG0083.102, 1.0
µH is selected for its small size, low DCR and high current handling capability.
The input voltage ripple is divided between capacitance and ESR. For this design, VRIPPLE(CAP) = 50 mV and
VRIPPLE(ESR) = 25 mV. The minimum capacitance and maximum ESR are estimated by:
For this design, CIN > 80 µF and ESR < 3.5 mΩ. The RMS current in the input capacitors is estimated by:
With VIN = VIN(max), the input capacitors must support a ripple current of 1.56 ARMS. Two 1206, 100-µF, X5R
ceramic capacitors with about 5-m
Ω ESR and a 2-A RMS current rating are selected. It is important to check the
dc bias voltage derating curves to ensure the capacitors provide sufficient capacitance at the working voltage.
Copyright © 2006–2007, Texas Instruments Incorporated
21
Product Folder Link(s): TPS40040 TPS40041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com