Electronic Components Datasheet Search
  English  ▼

X  

TPS40021 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS40021
Description  LOW PIN COUNT, LOW VIN (2.5 V TO 5.5 V) SYNCHRONOUS BUCK DC-TO-DC CONTROLLER WITH ENABLE
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS40021 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS40021 Datasheet HTML 22Page - Texas Instruments TPS40021 Datasheet HTML 23Page - Texas Instruments TPS40021 Datasheet HTML 24Page - Texas Instruments TPS40021 Datasheet HTML 25Page - Texas Instruments TPS40021 Datasheet HTML 26Page - Texas Instruments TPS40021 Datasheet HTML 27Page - Texas Instruments TPS40021 Datasheet HTML 28Page - Texas Instruments TPS40021 Datasheet HTML 29Page - Texas Instruments TPS40021 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
www.ti.com
Feedback Components (R3, R6, C3, C4, C5)
C5
+
1
2
p
R8
F
Z2
(28)
R6
+
1
2
p
C5
F
P1
(29)
R3
+
A
MID(band)
(R6
R8)
R6
) R8
(30)
C4
+
1
2
p
R3
F
Z1
(31)
C3
+
1
2
p
R3
F
P2
(32)
0dB
FZ1
Frequency (Log Scale)
FZ2
FP1
FP2
Amid−Band
FSW
TPS40040, TPS40041
SLUS700D – MARCH 2006 – REVISED DECEMBER 2007
Approximate C5 with the formula:
C5 = 560 pF (closest standard capacitor value to calculated 568 pF) and approximate R6 with the formula:
R6 = 4.75 k
Ω (closest standard resistor value to calculated 4.74 kΩ) Calculate R3 by the formula:
With AMID_BAND = 3.84, R6 = 4.75 kΩ and R8 = 20 kΩ, R3 = 14.7 kΩ (closest standard resistor value to calculated
14.7 k
Ω) Calculate C3 and C4 by the equations:
For R3 = 14.7 k
Ω, C3 = 47 pF (closest standard value to 45 pF) C4 = 1200 pF (closest standard value to 1.2 nF)
Error Amplifier straight line approximation transfer function looks like Figure 25.
Figure 25. Error Amplifier Frequency Response Straight Line Approximation
26
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40040 TPS40041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com