Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62650 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62650 Datasheet HTML 1Page - Texas Instruments TPS62650 Datasheet HTML 2Page - Texas Instruments TPS62650 Datasheet HTML 3Page - Texas Instruments TPS62650 Datasheet HTML 4Page - Texas Instruments TPS62650 Datasheet HTML 5Page - Texas Instruments TPS62650 Datasheet HTML 6Page - Texas Instruments TPS62650 Datasheet HTML 7Page - Texas Instruments TPS62650 Datasheet HTML 8Page - Texas Instruments TPS62650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
TPS62650-Q1
SLVSB62B – MARCH 2012 – REVISED FEBRUARY 2013
www.ti.com
The serial interface is compatible with Standard, Fast/Fast Plus and High-Speed mode I2C specification allowing
transfers at up to 3.4 Mbps. This communication interface is used for dynamic voltage scaling with voltage steps
down to 12.5 mV for setting the output voltage or reprogramming the mode of operation (PFM/PWM or Forced
PWM), for instance.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
spacer
ORDERING INFORMATION
DEFAULT
PACKAGE
I2C ADDRESS BITS
PART
OUTPUT VOLTAGE
OUTPUT VOLTAGE
PACKAGE
ORDERING
MARKING
NUMBER
RANGE
(CC)
VSEL0
VSEL1
A2
A1
TPS62650-
0.75 V to 1.4375 V
1.05 V
1.2 V
0
1
YFF-9
TPS62650TYFFRQ1
Q1
Q1(1)
(1)
The following registers bits are set by internal hardware logic and not user programmable through I2C:
(a) VSEL0[7] = 1
(b) VSEL1[7] = 1
(c) CONTROL1[3:2] = 00
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
at VIN, SW(2)
–0.3
7
V
Input Voltage
at FB (2)
–0.3
3.6
V
at EN, VSEL, SCL, SDA (2)
–0.3
VI + 0.3
V
Power dissipation
Internally limited
Operating ambient temperature, TA
(3)
–40
105
°C
Maximum operating junction Temperature, TJ
150
°C
Storage temperature range, Tstg
–65
150
°C
Human-body model (HBM) AEC-Q100 Classification Level H2
2
kV
ESD rating(4)
Charged-device model (CDM) AEC-Q100 Classification Level
750
V
C3B
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve optimum performance, it is
recommended to operate the device with a maximum junction temperature of 105°C.
(4)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS62650-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com