Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62650 Datasheet(HTML) 4 Page - Texas Instruments

  TPS62650 Datasheet HTML 1Page - Texas Instruments TPS62650 Datasheet HTML 2Page - Texas Instruments TPS62650 Datasheet HTML 3Page - Texas Instruments TPS62650 Datasheet HTML 4Page - Texas Instruments TPS62650 Datasheet HTML 5Page - Texas Instruments TPS62650 Datasheet HTML 6Page - Texas Instruments TPS62650 Datasheet HTML 7Page - Texas Instruments TPS62650 Datasheet HTML 8Page - Texas Instruments TPS62650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
TPS62650-Q1
SLVSB62B – MARCH 2012 – REVISED FEBRUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum values are at VI = 2.3V to 5.5V, VO = 1.2 V, EN = 1.8V, EN_DCDC bit = 1, AUTO mode and
TA = -40°C to 105°C; Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at
VI = 3.6V, VO = 1.2 V, EN = 1.8V, EN_DCDC bit = 1, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
2.3 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
VO = 0.75 V, 1.05 V, 1.20 V, 1.4375 V (TPS62650-Q1)
–4%
4%
PWM operation
TA= 85°C
Regulated DC output
2.3 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
–2%
2%
voltage accuracy
VO = 0.75 V, 1.05 V, 1.20 V, 1.4375 V (TPS62650-Q1)
PWM operation
TPS62650-
VO
2.3 V
≤ VI ≤ 5.5 V, 0 mA ≤ IO(DC) ≤ 800 mA
Q1/1
VO = 0.75 V, 1.05 V, 1.20 V, 1.4375 V (TPS62650-Q1)
–4%
4%
PFM/PWM Operation
Regulated DC output
VI = 3.6 V, VO = 1.20 V, IO(DC) = 50 mA
-0.5%
+0.5%
voltage temperature drift
-40°C
≤ TA ≤ 105°C. PWM operation
Line regulation
VI = VO + 0.5 V (min 2.3 V) to 5.5 V, IO(DC) = 200 mA
0.13
%/V
Load regulation
IO(DC) = 0 mA to 800 mA
–0.00046
%/mA
Feedback input resistance
480
k
Ω
VO = 1.05 V, VSEL = GND, IO(DC) = 1 mA
16
mVPP
PFM operation
ΔVO
Power-save mode ripple voltage
VO = 1.20 V, VSEL = VI, IO(DC) = 1 mA
16
mVPP
PFM operation
DAC
TPS62650-
Resolution
6
Bits
Q1
Differential nonlinearity
Specified monotonic by design
±0.4
LSB
TIMING
Setup Time Between
TPS62650-
Rising EN and Start of
50
μs
Q1/1
I2C Stream
Output voltage settling
TPS62650-
From min to max output voltage,
VO
12
μs
time
Q1/1
IO(DC) = 500 mA, VSEL = VI, PWM operation
Time from active EN to VO
125
VO = 1.2 V, IO = 0 mA, PWM operation
TPS62650-
Start-up time
μs
Q1/1
Time from active EN to VO
120
VO = 1.05 V, IO = 0 mA, PFM operation
I
2C INTERFACE TIMING CHARACTERISTICS(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
100
kHz
Fast mode
400
kHz
Fast mode plus
1
MHz
f(SCL)
SCL Clock Frequency
High-speed mode (write operation), CB – 100 pF max
3.4
MHz
High-speed mode (read operation), CB – 100 pF max
3.4
MHz
High-speed mode (write operation), CB – 400 pF max
1.7
MHz
High-speed mode (read operation), CB – 400 pF max
1.7
MHz
Standard mode
4.7
μs
Bus Free Time Between a STOP and
tBUF
Fast mode
1.3
μs
START Condition
Fast mode plus
0.5
μs
Standard mode
4
μs
Fast mode
600
ns
Hold Time (Repeated) START
tHD, tSTA
Condition
Fast mode plus
260
ns
High-speed mode
160
ns
(1)
Specified by design. Not tested in production.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS62650-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com