Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 32 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62650 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPS62650 Datasheet HTML 28Page - Texas Instruments TPS62650 Datasheet HTML 29Page - Texas Instruments TPS62650 Datasheet HTML 30Page - Texas Instruments TPS62650 Datasheet HTML 31Page - Texas Instruments TPS62650 Datasheet HTML 32Page - Texas Instruments TPS62650 Datasheet HTML 33Page - Texas Instruments TPS62650 Datasheet HTML 34Page - Texas Instruments TPS62650 Datasheet HTML 35Page - Texas Instruments TPS62650 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
TPS62650-Q1
SLVSB62B – MARCH 2012 – REVISED FEBRUARY 2013
www.ti.com
OUTPUT CAPACITOR SELECTION
The advanced fast-response voltage mode control scheme of the TPS62650-Q1 allows the use of tiny ceramic
capacitors. Ceramic capacitors with low ESR values have the lowest output voltage ripple and are
recommended. For best performance, the device should be operated with a minimum effective output
capacitance of 1.6
μF. The output capacitor requires either an X7R or X5R dielectric. Y5V and Z5U dielectric
capacitors, aside from their wide variation in capacitance over temperature, become resistive at high frequencies.
At nominal load current, the device operates in PWM mode and the overall output voltage ripple is the sum of the
voltage step caused by the output capacitor ESL and the ripple current flowing through the output capacitor
impedance.
At light loads, the output capacitor limits the output ripple voltage and provides holdup during large load
transitions. A 4.7
μF capacitor typically provides sufficient bulk capacitance to stabilize the output during large
load transitions. The typical output voltage ripple is 1.5% of the nominal output voltage VO.
The output voltage ripple during PFM mode operation can be kept small. The PFM pulse is time controlled, which
allows to modify the charge transferred to the output capacitor by the value of the inductor. The resulting PFM
output voltage ripple and PFM frequency depend in first order on the size of the output capacitor and the inductor
value. The PFM frequency decreases with smaller inductor values and increases with larger once. Increasing the
output capacitor value and the effective inductance will minimize the output ripple voltage.
INPUT CAPACITOR SELECTION
Because of the nature of the buck converter having a pulsating input current, a low ESR input capacitor is
required to prevent large voltage transients that can cause misbehavior of the device or interferences with other
circuits in the system. For most applications, a 2.2
μF or 4.7μF capacitor is sufficient. If the application exhibits a
noisy or erratic switching frequency, the remedy will probably be found by experimenting with the value of the
input capacitor.
Take care when using only ceramic input capacitors. When a ceramic capacitor is used at the input and the
power is being supplied through long wires, such as from a wall adapter, a load step at the output can induce
ringing at the VIN pin. This ringing can couple to the output and be mistaken as loop instability or could even
damage the part. Additional "bulk" capacitance (electrolytic or tantalum) should in this circumstance be placed
between CI and the power source lead to reduce ringing than can occur between the inductance of the power
source leads and CI.
CHECKING LOOP STABILITY
The first step of circuit and stability evaluation is to look from a steady-state perspective at the following signals:
•
Switching node, SW
•
Inductor current, IL
•
Output ripple voltage, VO(AC)
These are the basic signals that need to be measured when evaluating a switching converter. When the
switching waveform shows large duty cycle jitter or the output voltage or inductor current shows oscillations, the
regulation loop may be unstable. This is often a result of board layout and/or L-C combination.
As a next step in the evaluation of the regulation loop, the load transient response is tested. The time between
the application of the load transient and the turn on of the P-channel MOSFET, the output capacitor must supply
all of the current required by the load. VO immediately shifts by an amount equal to ΔI(LOAD) x ESR, where ESR
is the effective series resistance of CO. ΔI(LOAD) begins to charge or discharge CO generating a feedback error
signal used by the regulator to return VO to its steady-state value. The results are most easily interpreted when
the device operates in PWM mode.
During this recovery time, VO can be monitored for settling time, overshoot or ringing that helps judge the
converter’s stability. Without any ringing, the loop has usually more than 45° of phase margin.
Because the damping factor of the circuitry is directly related to several resistive parameters (e.g., MOSFET
rDS(on)) that are temperature dependant, the loop stability analysis has to be done over the input voltage range,
load current range, and temperature range.
32
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS62650-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com