Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62650 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS62650 Datasheet HTML 22Page - Texas Instruments TPS62650 Datasheet HTML 23Page - Texas Instruments TPS62650 Datasheet HTML 24Page - Texas Instruments TPS62650 Datasheet HTML 25Page - Texas Instruments TPS62650 Datasheet HTML 26Page - Texas Instruments TPS62650 Datasheet HTML 27Page - Texas Instruments TPS62650 Datasheet HTML 28Page - Texas Instruments TPS62650 Datasheet HTML 29Page - Texas Instruments TPS62650 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Not Acknowledge
Acknowledge
1
2
8
9
Clock Pulse for
Acknowledgement
S
START
Condition
Data Output
by Transmitter
Data Output
by Receiver
SCL From
Master
Change of Data Allowed
Data Line
Stable;
Data Valid
DATA
CLK
Start
Condition
DATA
Stop
Condition
CLK
S
P
TPS62650-Q1
SLVSB62B – MARCH 2012 – REVISED FEBRUARY 2013
www.ti.com
H/S-Mode Protocol
When the bus is idle, both SDA and SCL lines are pulled high by the pull-up devices.
The master generates a start condition followed by a valid serial byte containing HS master code 00001XXX.
This transmission is made in F/S-mode at no more than 400 Kbps. No device is allowed to acknowledge the HS
master code, but all devices must recognize it and switch their internal setting to support 3.4-Mbps operation.
The master then generates a repeated start condition (a repeated start condition has the same timing as the start
condition). After this repeated start condition, the protocol is the same as F/S-mode, except that transmission
speeds up to 3.4 Mbps are allowed. A stop condition ends the HS-mode and switches all the internal settings of
the slave devices to support the F/S-mode. Instead of using a stop condition, repeated start conditions are used
to secure the bus in HS-mode.
Attempting to read data from register addresses not listed in this section results in FFh being read out.
Figure 50. START and STOP Conditions
Figure 51. Bit Transfer on the Serial Interface
Figure 52. Acknowledge on the I2C Bus
26
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS62650-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com