Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62650 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62650 Datasheet HTML 2Page - Texas Instruments TPS62650 Datasheet HTML 3Page - Texas Instruments TPS62650 Datasheet HTML 4Page - Texas Instruments TPS62650 Datasheet HTML 5Page - Texas Instruments TPS62650 Datasheet HTML 6Page - Texas Instruments TPS62650 Datasheet HTML 7Page - Texas Instruments TPS62650 Datasheet HTML 8Page - Texas Instruments TPS62650 Datasheet HTML 9Page - Texas Instruments TPS62650 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
TPS62650-Q1
SLVSB62B – MARCH 2012 – REVISED FEBRUARY 2013
www.ti.com
I
2C INTERFACE TIMING CHARACTERISTICS (continued)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Standard mode
20 + 0.1 CB
300
ns
Fast mode
20 + 0.1 CB
300
ns
tFDA
Fall Time of SDA Signal
Fast mode plus
120
ns
High-speed mode, CB – 100 pF max
10
80
ns
High-speed mode, CB – 400 pF max
20
160
ns
Standard mode
4
μs
Fast mode
600
ns
tSU, tSTO Setup Time of STOP Condition
Fast mode plus
260
ns
High-Speed mode
160
ns
Standard mode
400
pF
Fast mode
400
pF
CB
Capacitive Load for SDA and SCL
Fast mode plus
550
pF
High-Speed mode
400
pF
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS62650-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com