Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62650 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62650 Datasheet HTML 1Page - Texas Instruments TPS62650 Datasheet HTML 2Page - Texas Instruments TPS62650 Datasheet HTML 3Page - Texas Instruments TPS62650 Datasheet HTML 4Page - Texas Instruments TPS62650 Datasheet HTML 5Page - Texas Instruments TPS62650 Datasheet HTML 6Page - Texas Instruments TPS62650 Datasheet HTML 7Page - Texas Instruments TPS62650 Datasheet HTML 8Page - Texas Instruments TPS62650 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
TPS62650-Q1
www.ti.com
SLVSB62B – MARCH 2012 – REVISED FEBRUARY 2013
THERMAL INFORMATION
TPS62650-Q1
THERMAL METRIC(1)
YFF
UNITS
9 PINS
θJA
Junction-to-ambient thermal resistance
107.0
θJCtop
Junction-to-case (top) thermal resistance
0.9
θJB
Junction-to-board thermal resistance
18.1
°C/W
ψJT
Junction-to-top characterization parameter
4.0
ψJB
Junction-to-board characterization parameter
18.0
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
spacer
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ELECTRICAL CHARACTERISTICS
Minimum and maximum values are at VI = 2.3V to 5.5V, VO = 1.2 V, EN = 1.8V, EN_DCDC bit = 1, AUTO mode and
TA = -40°C to 105°C; Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at
VI = 3.6V, VO = 1.2 V, EN = 1.8V, EN_DCDC bit = 1, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.3
5.5
V
VI = 3.6 V, IO = 0 mA, -40°C ≤ TA≤ 105°C. Device not switching
38
80
μA
IQ
Operating quiescent current
VI = 3.6 V, IO = 0 mA. PWM mode
5.35
mA
VI = 3.6 V, EN = GND, EN_DCDC bit = X, -40°C ≤ TA≤ 105°C
0.5
10
μA
I(SD)
Shutdown current
VI = 3.6 V, EN = VI, EN_DCDC bit = 0, -40°C ≤ TA≤ 105°C
0.5
10
μA
UVLO
Undervoltage lockout threshold
Falling
2.05
2.15
V
ENABLE, VSEL, SDA, SCL
VIH
High-level input voltage
0.9
V
VIL
Low-level input voltage
0.4
V
Ilkg
Input leakage current
Input tied to GND or VI, -40°C ≤ TA≤ 105°C
0.01
0.7
μA
POWER SWITCH
VI = V(GS) = 3.6 V
255
rDS(on)
P-channel MOSFET on resistance
m
Ω
VI = V(GS) = 2.5 V
335
Ilkg
P-channel leakage current, PMOS
V(DS) = 5.5 V, -40°C ≤ TA≤ 105°C
1
μA
VI = V(GS) = 3.6 V
140
rDS(on)
N-channel MOSFET on resistance
m
Ω
VI = V(GS) = 2.5 V
200
Ilkg
N-channel leakage current, NMOS
V(DS) = 5.5 V, -40°C ≤ TA≤ 105°C
1
μA
Discharge resistor for power-down
rDIS
15
50
Ω
sequence
P-MOS current limit
2.3 V
≤ VI ≤ 4.8 V. Open loop
1200
1500
1850
mA
Input current limit under short-circuit
VO = 0 V
11
mA
conditions
Thermal shutdown
140
°C
Thermal shutdown hysteresis
15
°C
OSCILLATOR
IO = 0 mA. PWM mode, TA= 25°C
5.4
6
6.6
fSW
Oscillator frequency
MHz
IO = 0 mA. PWM mode, -40°C ≤ TA≤ 105°C
5.2
6
6.8
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS62650-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com