Electronic Components Datasheet Search
  English  ▼

X  

TPS62650 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS62650
Description  800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C™ Compatible Interface in Chip-Scale Packaging
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62650 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS62650 Datasheet HTML 17Page - Texas Instruments TPS62650 Datasheet HTML 18Page - Texas Instruments TPS62650 Datasheet HTML 19Page - Texas Instruments TPS62650 Datasheet HTML 20Page - Texas Instruments TPS62650 Datasheet HTML 21Page - Texas Instruments TPS62650 Datasheet HTML 22Page - Texas Instruments TPS62650 Datasheet HTML 23Page - Texas Instruments TPS62650 Datasheet HTML 24Page - Texas Instruments TPS62650 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
TPS62650-Q1
www.ti.com
SLVSB62B – MARCH 2012 – REVISED FEBRUARY 2013
DETAILED DESCRIPTION
Operation
The TPS62650-Q1 is a synchronous step-down converter typically operates at a regulated 6-MHz frequency
pulse width modulation (PWM) at moderate to heavy load currents. At light load currents, the TPS62650-Q1
converter operates in power-save mode with pulse frequency modulation (PFM) and automatic transition into
PWM operation when the load current increases.
The TPS62650-Q1 integrates an I2C compatible interface allowing transfers up to 3.4 Mbps. This communication
interface can be used for dynamic voltage scaling with voltage steps down to 12.5 mV, for reprogramming the
mode of operation (PFM or forced PWM) or disable/enabling the output voltage for instance. For more details,
see the I2C interface and register description section.
The converter uses a unique frequency locked ring oscillating modulator to achieve best-in-class load and line
response and allows the use of tiny inductors and small ceramic input and output capacitors. At the beginning of
each switching cycle, the P-channel MOSFET switch is turned on and the inductor current ramps up rising the
output voltage until the main comparator trips, then the control logic turns off the switch.
One key advantage of the non-linear architecture is that there is no traditional feed-back loop. The loop response
to change in VO is essentially instantaneous, which explains its extraordinary transient response. The absence of
a traditional, high-gain compensated linear loop means that the TPS62650-Q1 is inherently stable over a range
of small L and CO.
Although this type of operation normally results in a switching frequency that varies with input voltage and load
current, an internal frequency lock loop (FLL) holds the switching frequency constant over a large range of
operating conditions.
Combined with best in class load and line transient response characteristics, the low quiescent current of the
device (ca. 38
μA) allows to maintain high efficiency at light load, while preserving fast transient response for
applications requiring tight output regulation.
SWITCHING FREQUENCY
The magnitude of the internal ramp, which is generated from the duty cycle, reduces for duty cycles either set of
50%. Thus, there is less overdrive on the main comparator inputs which tends to slow the conversion down. The
intrinsic maximum operating frequency of the converter is about 10MHz to 12MHz, which is controlled to circa.
6MHz by a frequency locked loop.
When high or low duty cycles are encountered, the loop runs out of range and the conversion frequency falls
below 6MHz. The tendency is for the converter to operate more towards a "constant inductor peak current" rather
than a "constant frequency". In addition to this behavior which is observed at high duty cycles, it is also noted at
low duty cycles.
When the converter is required to operate towards the 6MHz nominal at extreme duty cycles, the application can
be assisted by decreasing the ratio of inductance (L) to the output capacitor's equivalent serial inductance (ESL).
This increases the ESL step seen at the main comparator's feed-back input thus decreasing its propagation
delay, hence increasing the switching frequency.
POWER-SAVE MODE
If the load current decreases, the converter will enter Power Save Mode operation automatically. During power-
save mode the converter operates in discontinous current (DCM) single-pulse PFM mode, which produces low
output ripple compared with other PFM architectures.
When in power-save mode, the converter resumes its operation when the output voltage trips below the nominal
voltage. It ramps up the output voltage with a minimum of one pulse and goes into power-save mode when the
inductor current has returned to a zero steady state. The PFN on-time varies inversely proportional to the input
voltage and proportional to the output voltage giving the regulated switching frequency when is steady-state.
PFM mode is left and PWM operation is entered as the output current can no longer be supported in PFM mode.
As a consequence, the DC output voltage is typically positioned ca 0.5% above the nominal output voltage and
the transition between PFM and PWM is seamless.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS62650-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com