Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM9211
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM9211 Datasheet(HTML) 3 Page - Texas Instruments

  PCM9211 Datasheet HTML 1Page - Texas Instruments PCM9211 Datasheet HTML 2Page - Texas Instruments PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
3
DIX4192-Q1
www.ti.com
SBFS041A – JULY 2016 – REVISED APRIL 2017
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
5 Description (continued)
The DIX4192-Q1 device is configured using on-chip control registers and data buffers, which are accessed
through either a four-wire serial peripheral interface (SPI) port, or a two-wire I2C bus interface. Status registers
provide access to a variety of flag and error bits, which are derived from the various function blocks. An open-
drain interrupt output pin is provided, and is supported by flexible interrupt reporting and mask options through
control register settings. A master reset input pin is provided for initialization by a host processor or supervisory
functions.
The DIX4192-Q1 device requires a 1.8-V core logic supply, in addition to a 3.3-V supply for powering portions of
the DIR, DIT, and line driver and receiver functions. A separate logic I/O supply supports operation from 1.65 V
to 3.6 V, providing compatibility with low-voltage logic interfaces typically found on digital signal processors and
programmable logic devices.
The DIX4192-Q1 device is available in a lead-free, TQFP-48 package.
6 Device Comparison Table
PART NUMBER
1.8-V I/O
MULTI-CH PCM
ADC
PCM PORTS
S/PDIF PORTS
DIX4192-Q1
Yes
No
No
2
4 differential line in and 1
differential line out
PCM9211
No
Yes
Yes
Up to 3 in and up to 3
out
Up to 12 single-ended in
and up to 2 single-ended
out
DIX9211
No
Yes
No
Up to 3 in and up to 3
out
Up to 12 single-ended in
and up to 2 single-ended
out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com