Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 6 Page - Texas Instruments

Part # PCM9211
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM9211 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 2Page - Texas Instruments PCM9211 Datasheet HTML 3Page - Texas Instruments PCM9211 Datasheet HTML 4Page - Texas Instruments PCM9211 Datasheet HTML 5Page - Texas Instruments PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments PCM9211 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
±2000
V
Charged-device model (CDM), per AEC
Q100-011
All pins
±500
Corner pins (1, 12, 13,
24, 25, 36, 37, and 48)
±750
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD18
1.8-V power-supply voltage
1.65
1.8
1.95
V
VDD33
3.3-V power-supply voltage
3
3.3
3.6
V
VCC
DIR comparator and PLL power-supply voltage
3
3.3
3.6
V
VIO
Logic I/O power-supply voltage
1.65
3.3
3.6
V
TA
Ambient operating temperature
DIX4192I-Q1
–40
85
°C
DIX4192T-Q1
–40
105
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
8.4 Thermal Information
THERMAL METRIC(1)
DIX4192-Q1
UNIT
PFB (TQFP)
48 PINS
RθJA
Junction-to-ambient thermal resistance
62.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.8
°C/W
RθJB
Junction-to-board thermal resistance
27.9
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
27.6
°C/W
8.5 Electrical Characteristics
all specifications are at TA = 25°C, VDD18 = 1.8 V, VDD33 = 3.3 V, VIO = 3.3 V, and VCC = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL I/O CHARACTERISTICS (ALL I/O PINS EXCEPT LINE RECEIVERS AND LINE DRIVER)
VIH
High-level input voltage
0.7 × VIO
VIO
V
VIL
Low-level input voltage
0
0.3 × VIO
V
IIH
High-level input current
IO = –4 mA, MUTE, SDINA, and SDINB pins
0.5
30
μA
IO = –4 mA, all other pins
0.5
10
IIL
Low-level input current
IO = 4 mA
0.5
10
μA
VOH
High-level output voltage
0.8 × VIO
VIO
V
VOL
Low-level output voltage
0
0.2 × VIO
V
CIN
Input capacitance
3
pF
LINE RECEIVER INPUTS (RX1+, RX1–, RX2+, RX2–, RX3+, RX3–, RX4+, RX4–)
VTH
Differential input sensitivity
Voltage across a given differential input pair
150
200
mV
VHY
Input hysteresis
150
mV
LINE DRIVER OUTPUTS (TX+, TX–)
VTXO
Differential output voltage
RL = 110 Ω across TX+ and TX–
5.4
VPP
MASTER CLOCK INPUT
fMCLK
Master clock input (MCLK) frequency
1
27.7
MHz
fMCLKD
Master clock input (MCLK) duty cycle
45%
55%
DIGITAL AUDIO INTERFACE RECEIVER (DIR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com