Electronic Components Datasheet Search
  English  ▼

X  

PCM9211 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM9211
Description  DIX4192-Q1 Integrated Digital Audio Interface Receiver and Transmitter
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM9211 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM9211 Datasheet HTML 6Page - Texas Instruments PCM9211 Datasheet HTML 7Page - Texas Instruments PCM9211 Datasheet HTML 8Page - Texas Instruments PCM9211 Datasheet HTML 9Page - Texas Instruments PCM9211 Datasheet HTML 10Page - Texas Instruments PCM9211 Datasheet HTML 11Page - Texas Instruments PCM9211 Datasheet HTML 12Page - Texas Instruments PCM9211 Datasheet HTML 13Page - Texas Instruments PCM9211 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
2
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
10
0
10
1
10
2
10
3
JitterFrequency(Hz)
10
4
10
5
10
6
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
20
100
1k
SinusoidalJitterFrequency(Hz)
10k
100k
5
2
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
THD+N
OutputJitterAmplitude
InputJitterAmplitude
10
DIX4192-Q1
SBFS041A – JULY 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: DIX4192-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.7 Typical Characteristics
Figure 4. DIR Jitter Attenuation Characteristics
Figure 5. DIR Jitter Tolerance Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com